Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62J11S1ADQA Datasheet(PDF) 1 Page - ITT Industries

Part # DF62J11S1ADQA
Description  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DF62J11S1ADQA Datasheet(HTML) 1 Page - ITT Industries

  DF62J11S1ADQA Datasheet HTML 1Page - ITT Industries DF62J11S1ADQA Datasheet HTML 2Page - ITT Industries DF62J11S1ADQA Datasheet HTML 3Page - ITT Industries DF62J11S1ADQA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
Models Available
C&K DF Series
Power Rocker Switches
Features/Benefits
Power switching up to 16 AMPS
Sub-panel and Front-panel mounting
PC and quick connect terminals
Multi-position and multi-pole function
Available in UL94V-0 grade materials
RoHS compliant
Typical Applications
Computers
Power supplies
Appliances
Fitness equipment
Off-road vehicles
Specifications
CONTACT RATING: 16 AMPS @ 125, 250 V AC; 1/4 HP
@ 125 V AC; 1/2 HP @ 250 V AC; 6 AMPS @ 48 V DC
(UL/CSA); 16 (2) AMPS @ 250 V AC, T100 (VDE).
DF52 & DF62: 6 AMPS @ 48 V DC (VDE).
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: -20ºC to +85ºC
Materials
HOUSING & ACTUATOR: 6/6 nylon (UL 94V-2), black, finish: matte.
CONTACTS: Fine silver, silver plated.
TERMINALS: Copper, silver plated.
CONTACT SPRING: Music wire or stainless steel.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H–79 thru H–82. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
DF52 SPST, Off-On
DF62 DPST, Off-On
DF72 SPDT, Off-On-On
Actuator
J1 Rocker
Actuator Color
2 Black
1 White
Housing Style/Color
S2 Sub-panel, black
G2 Actuator guard, black
P2 Panel, black
S1 Sub-panel, white
Contact Material
QA Silver (UL/CSA)
QF Silver (UL/CSA/VDE)
Terminations
15 Quick connect
A
Right angle, PC thru-hole
Actuator Markings
NONE No marking
D ON-OFF
H O |
P 0 –
H-79


Similar Part No. - DF62J11S1ADQA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
Hirose Electric
DF62 HIROSE-DF62 Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SC HIROSE-DF62-22SC Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SCA HIROSE-DF62-22SCA Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
DF62-22SCF HIROSE-DF62-22SCF Datasheet
809Kb / 12P
   2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
More results

Similar Description - DF62J11S1ADQA

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com