Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48510B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48510B
Description  Dual Complementary-Output DC/DC Converter for DSL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48510B Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTB48510B Datasheet HTML 5Page - Texas Instruments PTB48510B Datasheet HTML 6Page - Texas Instruments PTB48510B Datasheet HTML 7Page - Texas Instruments PTB48510B Datasheet HTML 8Page - Texas Instruments PTB48510B Datasheet HTML 9Page - Texas Instruments PTB48510B Datasheet HTML 10Page - Texas Instruments PTB48510B Datasheet HTML 11Page - Texas Instruments PTB48510B Datasheet HTML 12Page - Texas Instruments PTB48510B Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Configuring the PTB4850x & PTB4851x DC/DC
Converters for DSL Applications
When operated as a pair, the PTB4850x and PTB4851x
converters are specifically designed to provide all the
required supply voltages for powering xDSL chipsets.
The PTB4850x produces two logic voltages. They include
a 3.3-V source for logic and I/O, and a low-voltage for
powering a digital signal processor core. The PTB4851x
produces a balanced pair of complementary supply voltages
that is required for the xDSL transceiver ICs. When used
together in these types of applications, the PTB4850x and
PTB4851x may be configured for power-up sequencing,
and also synchronized to a common switch conversion
frequency. Figure 2-1 shows the required cross-connects
between the two converters to enable these two features.
Switching Frequency Synchronization
Unsynchronized, the difference in switch frequency
introduces a beat frequency into the input and output
AC ripple components from the converters. The beat
frequency can vary considerably with any slight variation
in either converter’s switch frequency. This results in a
variable and undefined frequency spectrum for the ripple
waveforms, which would normally require separate filters
at the input of each converter. When the switch frequency
of the converters are synchronized, the ripple components
are constrained to the fundamental and higher. This
simplifies the design of the output filters, and allows a
common filter to be specified for the treatment of input
ripple.
Figure 2-1; Example of PTB4850x & PTB4851x Modules Configured for DSL Applications
–V
TCVR
PTB48500A
+Vin
Enable
–Vin
Vo
1
Vo
2
COM
Sync Out
EN Out
Vo
2 Adj
POR
10
1
3
5
42
7
8
6
9
PTB48510A
+Vin
Enable
–Vin
+V
o
–V
o
COM
Sync In
±V
o Adj
5
1
3
4
2
6
8
7
V
CCIO
V
CORE
+V
TCVR
–48 V RTN
–48 V
Input
Filter
+
POR
Power-Up Sequencing
The desired power-up sequence for the AC7 supply volt-
ages requires that the two logic-level voltages from the
PTB4850x converter rise to regulation prior to the two
complementary voltages that power the transceiver ICs.
This sequence cannot be guaranteed if the PTB4850x
and PTB4851x are allowed to power up independently,
especially if the 48-V input voltage rises relatively slowly.
To ensure the desired power-up sequence, the “EN Out”
pin of the PTB4850x is directly connected to the active-
low “Enable” input of the PTB4851x (see Figure 2-1).
This allows the PTB4850x to momentarily hold off the
outputs from the PTB4851x until the logic-level voltages
have risen first. Figure 2-2 shows the power-up wave-
forms of all four supply voltages from the schematic of
Figure 2-1.
Figure 2-2; Power-Up Sequencing Waveforms
PTB4850x & PTB4851x
V
(1 V/Div)
V
(1 V/Div)
CORE
CCIO
+V
(5 V/Div)
–V
(5 V/Div)
TCVR
TCVR
HORIZ SCALE: 10 ms/Div


Similar Part No. - PTB48510B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510BAH TI1-PTB48510BAH Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48510BAS TI1-PTB48510BAS Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48510BAZ TI1-PTB48510BAZ Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
More results

Similar Description - PTB48510B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com