Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR101J13S215QF Datasheet(PDF) 1 Page - ITT Industries

Part # CR101J13S215QF
Description  Round Single Pole Specialty Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CR101J13S215QF Datasheet(HTML) 1 Page - ITT Industries

  CR101J13S215QF Datasheet HTML 1Page - ITT Industries CR101J13S215QF Datasheet HTML 2Page - ITT Industries CR101J13S215QF Datasheet HTML 3Page - ITT Industries CR101J13S215QF Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H-83
H
C&K CR Series
Round Single Pole Specialty Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H–83 through H–86. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL: 16 AMPS @ 125 VAC, 10 AMPS @ 250 VAC.
VDE µ T85: 16 AMPS @ 125 VAC, 10 AMPS @ 250 VAC.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
OPERATING TEMPERATURE: -20ºC to + 85ºC
Features/Benefits
Round actuator and body
Nice styling
Multiple illuminated versions
available
IP65 splash proof rubber
boot option
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated AgSn02ln03.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Appliances, small and large
Office equipment
Computers and peripherals
Audio/Video equipment
RoHS compliant
Lamp Rating
(NONE) No lamp
6
LED
7
125 VAC neon
8
250 VAC neon
Mounting Style/Color
S2 Snap-in, black
S1 Snap-in, white
Actuator
J1
Rocker
J2* Two-tone rocker
J3
Illuminated rocker
J4** Circle, illuminated rocker
J5
Oval, illuminated rocker
JN
Paddle, rocker
JP** Paddle, illuminated rocker
Termination
15 .187” quick connect
Switch Function
CR101 SPDT On-None-On
CR102 SPST On-None-Off
Actuator Color
2 Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QF Silver
*
Refer to table on page 85 for actuator options.
** VDE rating for JP: 10 A @ 125 VAC / 6 A at 250 VAC.
Models Available


Similar Part No. - CR101J13S215QF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CR101J13S215QF ITT-CR101J13S215QF Datasheet
164Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR101J13S215QF6 ITT-CR101J13S215QF6 Datasheet
164Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR101J13S215QF7 ITT-CR101J13S215QF7 Datasheet
164Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR101J13S215QF8 ITT-CR101J13S215QF8 Datasheet
164Kb / 4P
   Round Single Pole Specialty Rocker Switches
More results

Similar Description - CR101J13S215QF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CR101J12S215QF ITT-CR101J12S215QF Datasheet
164Kb / 4P
   Round Single Pole Specialty Rocker Switches
logo
C&K Components
CR101J12S2156 CK-COMPONENTS-CR101J12S2156 Datasheet
880Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR CK-COMPONENTS-CR Datasheet
375Kb / 4P
   Round Single Pole Specialty Rocker Switches
2018
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com