Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM-S-AB19-3 Datasheet(PDF) 6 Page - ITT Industries

Part # CHM-S-AB19-3
Description  2.0 CONNECTOR SYSTEM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM-S-AB19-3 Datasheet(HTML) 6 Page - ITT Industries

Back Button CHM-S-AB19-3 Datasheet HTML 2Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 3Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 4Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 5Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 6Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 7Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 8Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 9Page - ITT Industries CHM-S-AB19-3 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
6
Dimensions are mm
Subject to changes
s
t
c
a
t
n
o
c
f
o
n
o
i
s
n
e
m
i
Dt
c
a
t
n
o
Cs
n
o
i
t
p
Og
n
i
t
a
m
t
n
o
r
Fr
o
f
d
e
s
U
A
a
e
r
a
g
n
i
t
a
m
t
u
o
h
t
i
w
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
B1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
C1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
G
p
a
r
W
e
r
i
W
m
m
3
1
t
s
e
u
q
e
r
n
o
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
H1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
J1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
K
a
e
r
a
g
n
i
t
a
m
h
t
i
w
m
m
3
1
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
L1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
M1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
N
a
e
r
a
g
n
i
t
a
m
h
t
i
w
m
m
5
,
4
1
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
P1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
Q1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
R
a
e
r
a
g
n
i
t
a
m
h
t
i
w
m
m
6
1
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
S1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
T1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s


Similar Part No. - CHM-S-AB19-3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CHM-04C-03 CITIZEN-CHM-04C-03 Datasheet
511Kb / 1P
   Electret Condenser Microphone(Omnidirectional)
logo
Luminus, Inc
CHM-11-27-80-36-XH20-F3-3 LUMINUS-CHM-11-27-80-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-27-90-36-XH20-F3-3 LUMINUS-CHM-11-27-90-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-27-95-36-XH20-F3-3 LUMINUS-CHM-11-27-95-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-30-80-36-XH20-F3-3 LUMINUS-CHM-11-30-80-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
More results

Similar Description - CHM-S-AB19-3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX560-900-FL AXIOMTEK-EBOX560-900-FL Datasheet
375Kb / 1P
   Fanless Edge System with NVIDIA짰 JETSON??TX2, 1 HDMI 2.0, 2 GbE LANs and 1 USB 2.0
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com