Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADPFF5A24AW Datasheet(PDF) 3 Page - ITT Industries

Part # ADPFF5A24AW
Description  General Purpose Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ADPFF5A24AW Datasheet(HTML) 3 Page - ITT Industries

  ADPFF5A24AW Datasheet HTML 1Page - ITT Industries ADPFF5A24AW Datasheet HTML 2Page - ITT Industries ADPFF5A24AW Datasheet HTML 3Page - ITT Industries ADPFF5A24AW Datasheet HTML 4Page - ITT Industries ADPFF5A24AW Datasheet HTML 5Page - ITT Industries ADPFF5A24AW Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K
K-46
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
OPERATING FORCE
ELECTRICAL RATING
40
1134
DP
PF
5
142
SP
GG
30
850
DP
PD
20
567
SP
KH
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
NO.
POLES
OPTION CODE
NOTE: Operating force varies with actuator, see ACTUATOR option section.
AVAILABLE
x NOT AVAILABLE
F5
x
F3
x
•••
C2
OPERATING FORCE
(OZ./GRAMS)
ELECTRICAL
RATING
AVAILABLE COMBINATIONS
GG
KH
PD
PF
5
20
30
40
142
567
850
1134
x
x
From low level* to 1 AMP @ 125 V AC, 30 V DC.
Gold alloy on brass base
alloy.
Gold alloy.
F5
25 AMPS @ 125 & 250 V AC; 1 HP @ 125 V AC;
2 HP @ 250 V AC; 2 AMPS @ 24 V DC.
Silver welded on copper
base alloy.
Precious metal alloy.
F3
15 AMPS @ 125 & 250 V AC; 3/4 HP @ 125 V AC;
1-1/2 HP @ 250 V AC.
Fine silver welded on brass
base alloy.
Fine silver.
C2
ELECTRICALRATING
CONTACT MATERIAL
STATIONARY CONTACT
OPTION
CODE
All models
with all options.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching,
i.e., 0.4 VA max. @ 20 V AC or DC max.
ROHS
COMPLIANT*
ROHS
COMPATIBLE*
YES
YES
YES
YES
YES
YES
MOVABLE CONTACT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.


Similar Part No. - ADPFF5A24AW

ManufacturerPart #DatasheetDescription
logo
C&K Components
ADPFF5A24AW CK-COMPONENTS-ADPFF5A24AW Datasheet
555Kb / 5P
   General Purpose Snap-acting Switches
14 Jan 19
More results

Similar Description - ADPFF5A24AW

ManufacturerPart #DatasheetDescription
logo
C&K Components
ASKHC2P04AC CK-COMPONENTS-ASKHC2P04AC Datasheet
227Kb / 5P
   General Purpose Snap-acting Switches
A CK-COMPONENTS-A_V01 Datasheet
580Kb / 5P
   General Purpose Snap-acting Switches
27 Oct 21
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com