Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP04CM596M Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP04CM596M
Description  4-Bit constant current for power-LED, LED sink driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP04CM596M Datasheet HTML 2Page - STMicroelectronics STP04CM596M Datasheet HTML 3Page - STMicroelectronics STP04CM596M Datasheet HTML 4Page - STMicroelectronics STP04CM596M Datasheet HTML 5Page - STMicroelectronics STP04CM596M Datasheet HTML 6Page - STMicroelectronics STP04CM596M Datasheet HTML 7Page - STMicroelectronics STP04CM596M Datasheet HTML 8Page - STMicroelectronics STP04CM596M Datasheet HTML 9Page - STMicroelectronics STP04CM596M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Maximum rating
STP04CM596
6/24
3.2
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3.3
5.0
5.5
V
VO
Output voltage
16.0
V
IO
Output current
OUTn VDD = 5V
80
500
mA
IOH
Output current
Serial-OUT
+1
mA
IOL
Output current
Serial-OUT
-1
mA
VIH
Input voltage
0.7VDD
VDD+0.3
V
VIL
Input voltage
-0.3
0.3VDD
V
twLAT
LE pulse width
VDD = 3.0 to 3.6V
20
6.5
ns
twCLK
CLK pulse width
20
7.0
ns
twEN
OE pulse width
400
100
ns
tSETUP(D)
Setup time for DATA
20
3.3
ns
tHOLD(D)
Hold time for DATA
15
1.5
ns
tSETUP(L)
Setup time for LATCH
15
5
ns
tHOLD(E)
Hold time for ENABLE
60
38
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If multiple devices are cascaded, it may not be possible achieve the maximum data transfer. Please
consider the timing conditions carefully.
25
MHz
TOPR
Operating temperature
range
-40
+125
°C


Similar Part No. - STP04CM596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
STP04CM05B1R STMICROELECTRONICS-STP04CM05B1R Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
STP04CM05MTR STMICROELECTRONICS-STP04CM05MTR Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
STP04CM05XTTR STMICROELECTRONICS-STP04CM05XTTR Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
More results

Similar Description - STP04CM596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com