Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89547LMITR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89547LMITR
Description  3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89547LMITR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89547LMITR Datasheet HTML 3Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 4Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 5Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 6Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 7Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 8Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 9Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 10Page - Micrel Semiconductor SY89547LMITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY89547L
Micrel, Inc.
M9999-060906
hbwhelp@micrel.com or (408) 955-1690
INPUT AND OUTPUT STAGE INTERNAL TERMINATION
50Ω
50Ω
VCC
GND
/IN
VT
IN
Figure 3. Simplified Differential Input Stage
INPUT INTERFACE APPLICATIONS
LVPECL
IN
/IN
SY89547L
VCC
Rp
Rp
GND
GND
For VCC = 3.3V, Rp = 100Ω
VT
GND
VCC –1.4V
Figure 4d. LVPECL
Interface (AC-Coupled)
LVDS
IN
/IN
SY89547L
VCC
GND
VT
NC
Figure 4e. LVDS Interface
CML
IN
/IN
VT
NC
SY89547L
VCC
GND
Figure 4a. CML
Interface (DC-Coupled)
LVPECL
IN
/IN
SY89547L
VCC
0.01µF
VCC
Rp
For VCC = 3.3V, Rp = 50Ω
GND
VT
Figure 4c. LVPECL
Interface (DC-Coupled)
CML
IN
/IN
VT
SY89547L
VCC
GND
VCC –1.4V
GND
Figure 4b. CML
Interface (AC-Coupled)


Similar Part No. - SY89547LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89547LMITR MICREL-SY89547LMITR Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
More results

Similar Description - SY89547LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Micrel Semiconductor
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com