Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C122J11S105PQA Datasheet(PDF) 2 Page - ITT Industries

Part # C122J11S105PQA
Description  Power Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

C122J11S105PQA Datasheet(HTML) 2 Page - ITT Industries

  C122J11S105PQA Datasheet HTML 1Page - ITT Industries C122J11S105PQA Datasheet HTML 2Page - ITT Industries C122J11S105PQA Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H-104
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K C Series
Power Rocker Switches
SWITCH FUNCTION
SP
DP
PANEL MOUNTING
SP
DP
PANEL THICKNESS:
.020 (0,51) TO .200 (5,08)
DPDT
DPST
DPDT
DPST
1-1B, 2-2B
OPEN
1-1A, 2-2A
1-1A, 2-2A
ON
OFF
ON
ON
C221
C222
DP
SPDT
SPST
SPDT
SPST
2-3
1-1B
OPEN
2-1
1-1A
2-1
1-1A
ON
OFF
ON
ON
C121
C122
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL NO.
NO.
POLES
1
3
2
1A
1B
1
1
2
1A
1
1A
1
2A
2
1A
1
2A
2
1A
1
1B
2A
2B
2
1A
1
1B
2A
2B
2
SPDT
Part number shown: C121J12S205QF
All models
with all options.
Only models with ‘QF’ rating meet international dimensional and electrical requirements
.
Contacts make on side opposite actuator thrown.
NOTE: Actuator finish: gloss (standard).
Other colors available, consult Customer
Service Center.
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
J1
ROCKER
S1, S2
SNAP-IN
ACTUATOR
MOUNTING STYLE/COLOR
ACTUATOR COLOR
ACTUATOR
NOTE: Frame finish on housing: gloss (standard).
Other colors available, consult Customer Service Center.
S2
BLACK
S1
WHITE
HOUSING
COLOR
OPTION
CODE


Similar Part No. - C122J11S105PQA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
C122 SSDI-C122 Datasheet
215Kb / 4P
   8-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C122 DIGITRON-C122 Datasheet
358Kb / 4P
   8A SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
C122 NJSEMI-C122 Datasheet
91Kb / 1P
   C122 SERIES
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
   X-ray TDI Camera
logo
TDK Electronics
C1220CH0G105B020A TDK-C1220CH0G105B020A Datasheet
110Kb / 8P
   Part Number Change Notification
More results

Similar Description - C122J11S105PQA

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com