Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5326XXXXB Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5326XXXXB
Description  Automatic Mode Shift Dual 150mA LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326XXXXB Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5326XXXXB Datasheet HTML 1Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 2Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 3Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 4Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 5Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 6Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 7Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 8Page - RICOH electronics devices division R5326XXXXB Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
R5326X
4
PIN DESCRIPTION
SOT23-6
Pin No.
Symbol
Description
1
VOUT1
Output Pin 1
2
VDD
Input Pin
3
VOUT2
Output Pin 2
4
CE2
Chip Enable Pin 2
5
GND
Ground Pin
6
CE1
Chip Enable Pin 1
PLP1820-6
Pin No.
Symbol
Description
1
VOUT2
Output Pin 2
2
VDD
Input Pin
3
VOUT1
Output Pin 1
4
CE1
Chip Enable Pin 1
5
GND
Ground Pin
6
CE2
Chip Enable Pin 2
WLCSP-6
Pin No.
Symbol
Description
1
VOUT1
Output Pin 1
2
VDD
Input Pin
3
VOUT2
Output Pin 2
4
CE2
Chip Enable Pin 2
5
GND
Ground Pin
6
CE1
Chip Enable Pin 1


Similar Part No. - R5326XXXXB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
More results

Similar Description - R5326XXXXB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
   Dual 150mA LDO Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
   Dual ,Low-Noise,150mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com