Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3063PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3063PG
Description  1.5 A, Step?뭊p/Down/Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3063PG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3063PG Datasheet HTML 1Page - ON Semiconductor NCP3063PG Datasheet HTML 2Page - ON Semiconductor NCP3063PG Datasheet HTML 3Page - ON Semiconductor NCP3063PG Datasheet HTML 4Page - ON Semiconductor NCP3063PG Datasheet HTML 5Page - ON Semiconductor NCP3063PG Datasheet HTML 6Page - ON Semiconductor NCP3063PG Datasheet HTML 7Page - ON Semiconductor NCP3063PG Datasheet HTML 8Page - ON Semiconductor NCP3063PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP3063, NCP3063B, NCV3063
http://onsemi.com
5
Figure 3. Oscillator Frequency vs. Oscillator
Timing Capacitor
Figure 4. Oscillator Frequency vs. Supply
Voltage
Ct, CAPACITANCE (nF)
VCC, SUPPLY VOLTAGE (V)
20
10
0
0
100
200
40
29
25
16
12
7
3
110
120
130
150
160
170
180
190
Figure 5. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Temperature
Figure 6. Common Emitter Configuration Output
Darlington Switch Voltage Drop vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
150
100
50
0
−50
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
150
100
50
0
−50
1.0
1.05
1.10
1.15
1.20
1.25
Figure 7. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Emitter Current
Figure 8. Common Emitter Configuration
Output Darlington Switch Voltage Drop vs.
Collector Current
IE, EMITTER CURRENT (A)
IC, COLLECTOR CURRENT (A)
1.5
1.0
0.5
0
1.0
1.1
1.2
1.3
1.5
1.7
1.8
2.0
1.5
1.0
0.5
0
0.5
0.6
0.7
0.8
0.9
1.1
1.4
1.5
21
34
38
140
CT = 2.2 nF
TJ = 25°C
VCC = 5.0 V
IE = 1 A
VCC = 5.0 V
IC = 1 A
1.4
1.6
1.9
1.0
1.3
1.2
VCC = 5.0 V
TJ = 25°C
VCC = 5.0 V
TJ = 25°C
20
120
40
140
60
160
80
180
11
112
213
314
415
516
617
718
819
9


Similar Part No. - NCP3063PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3063PG ONSEMI-NCP3063PG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
More results

Similar Description - NCP3063PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com