Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPMZ2202 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part No. MPMZ2202
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MPMZ2202 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPMZ2202
Rev 1, 09/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
200 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPMZ2202 device is a silicon piezoresistive pressure sensor providing a
highly accurate and linear voltage output directly proportional to the applied
pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
Temperature Compensated Over 0
°C to + 85°C
Available in Easy-to-Use Tape and Reel
Ratiometric to Supply Voltage
Gauge Ported and Non Ported Options
Increased media compatibility fluorocarbon gel
Typical Applications
Pump/Motor Controllers
Robotics
Level Indicators
Medical Diagnostics
Pressure Switching
Barometers
Altimeters
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
Ported
Gauge, Axial
Port
1320A MPMZ2202GS
Rails
MPMZ2202GS
Gauge, Axial
Port
1320A MPMZ2202GST1
Tape & Reel MPMZ2202GS
MPMZ2202
SERIES
COMPENSATED AND CALIBRATED
PRESSURE SENSOR
0 TO 200 kPA (0 TO 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
GND
3
VS
2
+VOUT
4
-VOUT
MPAK PACKAGE
MPMZ2202GS
CASE 1320A-02


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn