Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1692IPW Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # LX1692IPW
Description  Full Bridge Resonant CCFL Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

LX1692IPW Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  LX1692IPW Datasheet HTML 1Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 2Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 3Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 4Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 5Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 6Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 7Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 8Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2004
Rev. 1.1, 2/9/2006
Full Bridge Resonant CCFL Controller
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -20
°C
T
A 70°C except where
otherwise noted and the following test conditions:.
LX1692
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
POWER
Power Supply Input Voltage
VDDP
4.5
5.5
V
Power Supply Output Voltage
VDD_A
VDDP = 4.5V to 5.5V, I Load = 5mADC
3.8
4.0
4.2
V
VDDP Operating Current
IBB
CAOUT = CBOUT = CCOUT = CDOUT =2000pF,
fLAMP = 62.5kHz
10
15
mA
ENABLE INPUT
ENABLE Logic Threshold
VTH_EN
1.6
1.85
2.0
V
ENABLE threshold Hysteresis
VH_EN
500
mV
ENABLE High
VEN_HIGH
2.4
VDDP
V
ENABLE Low
VEN_LOW
0
0.8
V
Sleep Mode Current
IDD_SLEEP
VENABLE = 0V
20
50
µA
Input Resistance
RENR
100
K
UNDER VOLTAGE LOCKOUT
UVLO Threshold VDDP
VTH_UVLO_P
Rising edge
3.8
4.2
V
UVLO Hysteresis
VH_UVLO
200
mV
BRIGHTNESS CONTROL
BRITE_A Voltage Range
VR_BR_A
0
VDDP
V
Full Brightness BRITE_A Input
VBR_FULL _A
VR_BR_D = VDDA, TA=25°C
1.9
2
2.1
V
Full Darkness BRITE_A Input
VDARK_FULL_A VR_BR_D = VDDA
0
V
Full Darkness BRITE_A input Offset
VDARKFULL_OS VR_BR_D = VDDA, BRITE_A = 0V
0.35
0.45
0.55
V
BRITE_D Voltage Range
VR_BR_D
VR_BR_A = VDDA, TA = 25°C
0.4
VDDP
V
Full Brightness BRITE_D Input
VBR_FULL _D
VR_BR_A = VDDA
2.37
2.5
2.63
V
Full Darkness BRITE_D Input
VDARK_FULL_D VR_BR_A = VDDA
0.43
0.55
0.67
V
BURST RAMP GENERATOR
Ramp Valley Voltage
VRVV
0.43
0.55
0.67
V
Ramp Peak Voltage
VRPV
2.37
2.5
2.63
V
Ramp Frequency
FRamp
C_BST = 10nF, I_R = 40K
230
250
270
Hz
Burst Duty Cycle Range
0
100
%
BRITE_D to DIMPWM Jitter
JBDD
C_BST = 10nF, BRITE_D = 2.4V
1
3
µs
Burst PWM min Duty Resolution
DRBST
1
%
LAMP FREQUENCY GENERATOR
Lamp Frequency Range
FLAMP
30
150
KHz
Max Lamp Strike Frequency
FLAMP_STK
Lamp is not ignited
150
KHz
Lamp Run Ramp Frequency
FLAMP_RUN
Lamp Ignited, Run Mode, TA = 25°C, I_R = 40K,
C_R = 100pF
60.6
62.5
64.4
KHz
Lamp Run Ramp Frequency
Regulation
FLAMP_REG
4.5 > VDDP < 5.5V, TA = 25°C
VDDP = 5.5V
±0.5
±0.1
% / V
%/
°C
Ramp Valley Voltage
VLRVV
0.2
V
Ramp Peak Voltage
VLRPV
2.0
V
Ramp PWM Jitter
LFJ
1
µs
VIN_SNS RAMP
Ramp Peak Clamp Voltage
VRPCV
VIN = 8V, C_P = C_R = 100pF, R_P = TBD,
VDDP = 5V
5
VDDP+0
.9
V
VIN_SNS Discharge Current
IVRVV
7
12.5
18
mA


Similar Part No. - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1692IPW MICROSEMI-LX1692IPW Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
More results

Similar Description - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com