Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4201LDRGER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4201LDRGER
Description  155-Mbps to 4.25-Gbps LASER DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4201LDRGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET4201LDRGER Datasheet HTML 5Page - Texas Instruments ONET4201LDRGER Datasheet HTML 6Page - Texas Instruments ONET4201LDRGER Datasheet HTML 7Page - Texas Instruments ONET4201LDRGER Datasheet HTML 8Page - Texas Instruments ONET4201LDRGER Datasheet HTML 9Page - Texas Instruments ONET4201LDRGER Datasheet HTML 10Page - Texas Instruments ONET4201LDRGER Datasheet HTML 11Page - Texas Instruments ONET4201LDRGER Datasheet HTML 12Page - Texas Instruments ONET4201LDRGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS
ONET4201LD
SLLS677 – NOVEMBER 2005
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
IMOD = 30 mA, IBIAS = 20 mA (excluding IMOD, IBIAS)
32
mA
IVCC
Supply current
IMOD = 60 mA, IBIAS = 100 mA (excluding IMOD, IBIAS)
55
mA
IBIAS
Bias current range
100
mA
IBIAS-OFF
Bias off-current
DISABLE = high or hard-fault mode; VBIAS ≤ 3.5 V
25
µA
Bias overshoot
During module hot plugging. VCC turn on time must be
10%
≤ 0.8 s
Bias current temperature
APC open loop
–480
480
ppm/
°C
stability
Bias current absolute
IBIAS ≥ 1 mA
–15%
15%
accuracy(1)
IBIAS = 1 mA, TA = 25°C
±15%
Bias current monitor gain
IBIAS/IMONB
68
mA/ mA
MONB and MONP threshold
A fault is never detected for VMONB/P ≤ 1 V and a fault
1
1.25
1.35
V
range
always occurs for VMONB/P ≥ 1.35 V
PD current monitor gain
IPD/IMONP
1
mA/mA
VID
Differential input signal
200
1600
mVp-p
SDOWN output high voltage
IOH = 100 µA sourcing
2.4
V
SDOWN output low voltage
IOL = 1 mA sinking
0.4
V
DISABLE input impedance
4.7
7.4
10
k
DISABLE input high voltage
2
V
DISABLE input low voltage
0.8
V
VPD
Monitor diode voltage
1.6
V
Monitor diode dc current range
18
1500
µA
(1)
Absolute accuracy refers to part-to-part variation.
9
Submit Documentation Feedback


Similar Part No. - ONET4201LDRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTR TI-ONET4201PARGTR Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTRG4 TI-ONET4201PARGTRG4 Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTT TI-ONET4201PARGTT Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTTG4 TI-ONET4201PARGTTG4 Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
More results

Similar Description - ONET4201LDRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com