Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM120230-1248 Datasheet(PDF) 10 Page - ITT Industries

Part # CHM120230-1248
Description  2.0 CONNECTOR SYSTEM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM120230-1248 Datasheet(HTML) 10 Page - ITT Industries

Back Button CHM120230-1248 Datasheet HTML 6Page - ITT Industries CHM120230-1248 Datasheet HTML 7Page - ITT Industries CHM120230-1248 Datasheet HTML 8Page - ITT Industries CHM120230-1248 Datasheet HTML 9Page - ITT Industries CHM120230-1248 Datasheet HTML 10Page - ITT Industries CHM120230-1248 Datasheet HTML 11Page - ITT Industries CHM120230-1248 Datasheet HTML 12Page - ITT Industries CHM120230-1248 Datasheet HTML 13Page - ITT Industries CHM120230-1248 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
10
Dimensions are mm
Subject to changes
Assembly Drawing
No. of Positions
Row
Type
Pin length
Part Numbers
z
–/–
a
A
8,25/3,7
b
A
8,25/3,7
125
c
A
8,25/3,7
CHM-M-B25-0AAAAA0-1 *
d
A
8,25/3,7
CHM-M-B25-0AAAAA0-2**
e
A
8,25/3,7
f
–/–
z
–/–
a
B
9,75/3,7
b
B
9,75/3,7
125
c
B
9,75/3,7
CHM-M-B25-0BBBBB0-1 *
d
B
9,75/3,7
CHM-M-B25-0BBBBB0-2**
e
B
9,75/3,7
f
–/–
z
C
11,25/3,7
a
A
8,25/3,7
b
A
8,25/3,7
175
c
A
8,25/3,7
CHM-M-B25-CAAAAAC-1 *
d
A
8,25/3,7
CHM-M-B25-CAAAAAC-2**
e
A
8,25/3,7
f
C
11,25/3,7
z
C
11,25/3,7
a
B
9,75/3,7
b
B
9,75/3,7
175
c
B
9,75/3,7
CHM-M-B25-CBBBBBC-1 *
d
B
9,75/3,7
CHM-M-B25-CBBBBBC-2**
e
B
9,75/3,7
f
C
11,25/3,7
Male Connectors Type B
Insertion Tool: Part Number 121586-5083
* Performance class I > 500 mating cycles ** Performance class II > 250 mating cycles


Similar Part No. - CHM120230-1248

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHM1206 RIEDON-CHM1206 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
logo
RHOPOINT COMPONENTS
CHM1206 RHOPOINT-CHM1206 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
More results

Similar Description - CHM120230-1248

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX560-900-FL AXIOMTEK-EBOX560-900-FL Datasheet
375Kb / 1P
   Fanless Edge System with NVIDIA짰 JETSON??TX2, 1 HDMI 2.0, 2 GbE LANs and 1 USB 2.0
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com