Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-115F-T0051HS3NIL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JQX-115F-T0051HS3NIL
Description  MINIATURE HIGH POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-115F-T0051HS3NIL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JQX-115F-T0051HS3NIL Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-115F-T0051HS3NIL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS CURVE
+80
4
8
6
0
2
1
10
14
10
12
20
16
18
1000
100
2.2
1.0
0
0.6
1.4
1.8
+20
+40
+60
3.6
3.4
2.6
3.0
+100
+120
10 A
LIFE CURVE
COIL OPERATING RANGE DC
Contact Current (A)
Ambient Temperature(
)
Wiring Diagram
20.16
5.04 5.04
A
JQX-115F-TH
Sensitive 0.25W
93
Coil voltage
5, 6, 9,12, 18, 24, 48, 60VDC
JQX-115F-T/TH 012
3
1H
S
Version
3: 5.0mm
ORDERING INFORMATION
Type
Contact arrangement
1H: 1 Form A
1Z: 1 Form C
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
(1 Form A)
PCB layout
(1 Form C)
Contact Material
A: AgSnO2
B: AgNi
Nil: AgCdO
Structure
S: Sealed IP67
Nil: Unsealed


Similar Part No. - JQX-115F-T0051HS3NIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-115F-I ETC2-JQX-115F-I Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0051HS3A ETC2-JQX-115F-I0051HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0061HS3A ETC2-JQX-115F-I0061HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0091HS3A ETC2-JQX-115F-I0091HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0121HS3A ETC2-JQX-115F-I0121HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-115F-T0051HS3NIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com