Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S8253-24PU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89S8253-24PU
Description  8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253-24PU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89S8253-24PU Datasheet HTML 24Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 25Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 26Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 27Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 28Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 29Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 30Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 31Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
28
3286H–MICRO–9/05
AT89S8253
Figure 14-4. SPI Master Timing (CPHA = 0)
Table 14-5.
SPI Slave Characteristics
Symbol
Parameter
Min
Max
Units
t
CLCL
Oscillator Period
41.6
ns
t
SCK
Serial Clock Cycle Time
4t
CLCL
ns
tSHSL
Clock High Time
1.5 tCLCL - 25
ns
t
SLSH
Clock Low Time
1.5 t
CLCL - 25
ns
t
SR
Rise Time
25
ns
tSF
Fall Time
25
ns
t
SIS
Serial Input Setup Time
10
ns
t
SIH
Serial Input Hold Time
10
ns
tSOH
Serial Output Hold Time
10
ns
t
SOV
Serial Output Valid Time
35
ns
t
SOE
Output Enable Time
10
ns
tSOX
Output Disable Time
25
ns
t
SSE
Slave Enable Lead Time
10
ns
t
SSD
Slave Disable Lag Time
0
ns
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI
tSR
tSCK
tSLSH
tSLSH
tSHSL
tSHSL
tSOH
tSF
tSIS
tSIH
tSOV


Similar Part No. - AT89S8253-24PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253-24PU ATMEL-AT89S8253-24PU Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253-24PU ATMEL-AT89S8253-24PU Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S8253-24PU ATMEL-AT89S8253-24PU Datasheet
1Mb / 60P
   8-bit Microcontroller with 12 Kbyte Flash
More results

Similar Description - AT89S8253-24PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
   8-Bit Microcontroller with 12K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com