Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S8253-24PU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89S8253-24PU
Description  8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253-24PU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89S8253-24PU Datasheet HTML 4Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 5Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 6Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 7Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 8Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 9Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 10Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 11Page - ATMEL Corporation AT89S8253-24PU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
3286H–MICRO–9/05
AT89S8253
5.1
Auxiliary Register
The AUXR Register contains a single active bit called DISALE.
5.2
Clock Register
The CLKREG register contains a single active bit called X2.
5.3
SPI Registers
Control and status bits for the Serial Peripheral Interface are contained in registers SPCR (see
Table 14-1 on page 25) and SPSR (see Table 14-2 on page 26). The SPI data bits are contained
in the SPDR register. In normal SPI mode, writing the SPI data register during serial data trans-
fer sets the Write Collision bit (WCOL) in the SPSR register. In enhanced SPI mode, the SPDR
is also write double-buffered because WCOL works as a Write Buffer Full Flag instead of being a
collision flag. The values in SPDR are not changed by Reset.
5.4
Interrupt Registers
The global interrupt enable bit and the individual interrupt enable bits are in the IE register. In
addition, the individual interrupt enable bit for the SPI is in the SPCR register. Four priorities can
be set for each of the six interrupt sources in the IP and IPH registers.
IPH bits have the same functions as IP bits, except IPH has higher priority than IP. By using IPH
in conjunction with IP, a priority level of 0, 1, 2, or 3 may be set for each interrupt.
Table 5-2.
AUXR – Auxiliary Register
AUXR Address = 8EH
Reset Value = XXXX XXX0B
Not Bit Addressable
Intel_Pwd_Exit
DISALE
Bit
7
654
32
1
0
Symbol
Function
DISALE
When DISALE = 0, ALE is emitted at a constant rate of 1/6 the oscillator frequency (except during MOVX when 1
ALE pulse is missing). When DISALE = 1, ALE is active only during a MOVX or MOVC instruction.
Intel_Pwd_Exit
When set, this bit configures the interrupt driven exit from power-down to resume execution on the rising edge of
the interrupt signal. When this bit is cleared, the execution resumes after a self-timed interval (nominal 2 ms)
referenced from the falling edge of the interrupt signal.
Table 5-3.
CLKREG – Clock Register
CLKREG Address = 8FH
Reset Value = XXXX XXX0B
Not Bit Addressable
–––
––––
X2
Bit
765
43210
Symbol
Function
X2
When X2 = 0, the oscillator frequency (at XTAL1 pin) is internally divided by 2 before it is used as the device system
frequency.
When X2 = 1, the divider by 2 is no longer used and the XTAL1 frequency becomes the device system frequency. This
enables the user to choose a 6 MHz crystal instead of a 12 MHz crystal, for example, in order to reduce EMI.


Similar Part No. - AT89S8253-24PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253-24PU ATMEL-AT89S8253-24PU Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253-24PU ATMEL-AT89S8253-24PU Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S8253-24PU ATMEL-AT89S8253-24PU Datasheet
1Mb / 60P
   8-bit Microcontroller with 12 Kbyte Flash
More results

Similar Description - AT89S8253-24PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
   8-Bit Microcontroller with 12K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com