Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55410 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 55410
Description  N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

55410 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button 55410 Datasheet HTML 3Page - California Eastern Labs 55410 Datasheet HTML 4Page - California Eastern Labs 55410 Datasheet HTML 5Page - California Eastern Labs 55410 Datasheet HTML 6Page - California Eastern Labs 55410 Datasheet HTML 7Page - California Eastern Labs 55410 Datasheet HTML 8Page - California Eastern Labs 55410 Datasheet HTML 9Page - California Eastern Labs 55410 Datasheet HTML 10Page - California Eastern Labs 55410 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
EVALUATION CIRCUIT (f = 840 to 960 MHz, VDS = 28 V, IDset = 120 mA)
Q1
Q2
S
S
2
3
4
5
1 6 8 9 11 13 16
(Back side)
14
15
S SSS SSS S
NE55410GR
7
10
12
(open)
2.2 nH
18
TL8
TL9
TL10
TL11
15 pF
12 pF
9 pF
1 k
10
6.8 k
TL12
TL14
TL15
TL16
TL17
2 pF
6 pF
2 pF
TL13
0.22 F
µ
A
47 pF
TL18 RFout
B
A
TL4
TL6
TL7
3 pF
47 pF
TL5
0.001 F
µ
B
47 F
µ
+
VDS (+28 V)
1 k
2.2 k
6.8 k
15
TL1
TL2
TL3
0.22 F
µ
47 pF
RFin
0.047
F
µ
56 nH
4 pF
TL19
Symbol
Width (mm) Length (mm)
Symbol
Width (mm) Length (mm)
TL1
1.0
3.0
TL11
1.0
3.0
TL2
4.5
10.0
TL12
1.0
5.0
TL3
0.5
16.0
TL13
0.8
48.0
TL4
0.5
5.0
TL14
1.0
6.5
TL5
1.0
48.0
TL15
1.0
10.5
TL6
1.0
4.0
TL16
1.0
9.5
TL7
1.0
3.0
TL17
1.0
10.0
TL8
1.0
6.0
TL18
1.0
6.0
TL9
1.0
3.0
TL19
1.0
3.0
TL10
1.0
4.0
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
Data Sheet PU10542EJ02V0DS
7
NE55410GR


Similar Part No. - 55410

ManufacturerPart #DatasheetDescription
logo
ebm-papst
55410.70305 EBMPAPST-55410.70305 Datasheet
308Kb / 1P
   Crossflow Blower
55410.81051 EBMPAPST-55410.81051 Datasheet
308Kb / 1P
   Crossflow Blower
55410.81390 EBMPAPST-55410.81390 Datasheet
308Kb / 1P
   Crossflow Blower
55410.91161 EBMPAPST-55410.91161 Datasheet
308Kb / 1P
   Crossflow Blower
55410.91162 EBMPAPST-55410.91162 Datasheet
308Kb / 1P
   Crossflow Blower
More results

Similar Description - 55410

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE55410GR CEL-NE55410GR_07 Datasheet
580Kb / 14P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
Renesas Technology Corp
NE55410GR RENESAS-NE55410GR Datasheet
317Kb / 15P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR NEC-NE55410GR Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
Renesas Technology Corp
NES1823S-45 RENESAS-NES1823S-45 Datasheet
239Kb / 10P
   GaAs FET 45 W L, S-BAND SINGLE-END POWER GaAs FET
2004
NES1823S-90 RENESAS-NES1823S-90 Datasheet
242Kb / 10P
   GaAs FET 90 W L, S-BAND SINGLE-END POWER GaAs FET
2004
logo
NEC
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Sanyo Semicon Device
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com