Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F040B Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT49F040B
Description  4-megabit (512K x 8) 5-volt Only Flash Memory
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49F040B Datasheet HTML 2Page - ATMEL Corporation AT49F040B Datasheet HTML 3Page - ATMEL Corporation AT49F040B Datasheet HTML 4Page - ATMEL Corporation AT49F040B Datasheet HTML 5Page - ATMEL Corporation AT49F040B Datasheet HTML 6Page - ATMEL Corporation AT49F040B Datasheet HTML 7Page - ATMEL Corporation AT49F040B Datasheet HTML 8Page - ATMEL Corporation AT49F040B Datasheet HTML 9Page - ATMEL Corporation AT49F040B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
3606A–FLASH–12/05
AT49F040B
Figure 4-1.
Data Polling Algorithm
Figure 4-2.
Toggle Bit Algorithm
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is any sector
address within the sector being erased. During chip
erase, a valid address is any non-protected sector
address.
2. I/O7 should be rechecked even if I/O5 = “1” because
I/O7 may change simultaneously with I/O5.
Note:
1. The system should recheck the toggle bit even if
I/O5 = “1” because the toggle bit may stop toggling
as I/O5 changes to “1”.
START
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
I/O5 = 1?
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
NO
NO
NO
YES
YES
YES
Program/Erase
Operation
Successful,
Device in
Read Mode
START
Read I/O7 - I/O0
Read I/O7 - I/O0
Toggle Bit =
Toggle?
I/O5 = 1?
Read I/O7 - I/O0
Twice
Toggle Bit =
Toggle?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
Program/Erase
Operation
Successful, Device
in Read Mode
NO
NO
NO
YES
YES
YES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn