Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A418316 Datasheet(PDF) 5 Page - AMIC Technology

Part No. A418316
Description  256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A418316 Datasheet(HTML) 5 Page - AMIC Technology

  A418316 Datasheet HTML 1Page - AMIC Technology A418316 Datasheet HTML 2Page - AMIC Technology A418316 Datasheet HTML 3Page - AMIC Technology A418316 Datasheet HTML 4Page - AMIC Technology A418316 Datasheet HTML 5Page - AMIC Technology A418316 Datasheet HTML 6Page - AMIC Technology A418316 Datasheet HTML 7Page - AMIC Technology A418316 Datasheet HTML 8Page - AMIC Technology A418316 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
A418316 Series
PRELIMINARY
(July, 2003,Version 0.0)
3
AMIC Technology, Inc.
Block Diagram
Recommended Operating Conditions
(Ta = 0
°C to +70°C or -40°C to +85°C)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VCC
Power Supply
4.5
5.0
5.5
V
1
VSS
Input High Voltage
0.0
0.0
0.0
V
1
VIH
Input High Voltage
2.4
-
VCC + 1.0
V
1
VIL
Input Low Voltage
-0.5
-
0.8
V
1
VSS
VCC
CAS Clock
Generator
Column
Address
Buffers
Refresh
Counter &
Controller
Row
Address
Buffers
RAS Clock
Generator
WE Clock
Generator
OE Clock
Generator
AY0 - AY8
AX0 - AX8
Sense Amplifiers
Column Decoders
Data I/O
Buffers
Memory Array
512 x 512 x 16
.
.
.
512
.
.
.
. . 512 x 16 . .
I/O0
to
I/O15
OE
WE
UCAS
LCAS
A0 - A8
RAS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
V53C16256SH 256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH 1  2  3  4  5  More Mosel Vitelic, Corp
KM416C256D 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
41C16257 256K x 16 4-MBIT DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More Integrated Silicon Solution, Inc
K4F660812D 8M x 8bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
GLT41316 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More List of Unclassifed Manufacturers
V53C16256H 256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM 1  2  3  4  5  More Mosel Vitelic, Corp
K4F661612B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn