Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62420DRCTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62420DRCTG4
Description  2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62420DRCTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62420DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS62420DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
TPS62420
SLVS676B – JUNE 2006 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
V
IN = 3.6V, VOUT = 1.8V, EN = VIN, MODE = GND, L = 2.2µH, COUT = 20µF, TA = –40°C to 85°C typical values are at TA =
25
°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
RDS(ON)
P-Channel MOSFET On-resistance,
VIN = VGS = 3.6V
280
620
m
Converter 1,2
ILK_PMOS
P-Channel leakage current
VDS = 6.0V
1
µA
RDS(ON)
N-Channel MOSFET On-resistance
VIN = VGS = 3.6V
200
450
m
Converter 1,2
ILK_SW1/SW2
Leakage Current into SW1/SW2 Pin Includes N-Chanel leakage currnet,
6
7.5
µA
VIN = open, VSW = 6.0V, EN = GND(4)
ILIMF
Forward Current
OUT1 600mA
2.5V
≤ V
IN≤ 6.0V
0.85
1.0
1.15
A
Limit PMOS and
OUT2 1000mA
1.19
1.4
1.61
NMOS
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shudown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.5V
≤ VIN ≤ 6.0V
2.0
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output votage range
0.6
VIN
V
Vref
Reference voltage
600
mV
Voltage positioning active, MODE/DATA = GND,
1.01x
VOUT (PFM)
device operating in PFM mode, VIN = 2.5V to
–1.5%
2.5%
VOUT
5.0V (6)(7)
DC output voltage accuracy PFM
mode, adjustable and fixed output
MODE/DATA = GND; device operating in PWM
–1%
0%
1%
voltage(5)
Mode VIN = 2.5V to 6.0V(7)
VOUT
VIN = 2.5V to 6.0V, Mode/Data = VIN , Fixed PWM
–1%
0%
1%
operation, 0mA < IOUT < IOUTMAX(8)
DC output voltage load regulation
PWM operation mode
0.5
%/A
tStart up
Start-up time
Activation time to start switching(9)
170
µs
tRamp
VOUT Ramp UP time
Time to ramp from 5% to 95% of VOUT
750
µs
(4)
At pins SW1 and SW2 an internal resistor of 1M
Ω is connected to GND
(5)
Output voltage specification does not include tolerance of external voltage programming resistors
(6)
Configuration L typ 2.2
µH, C
OUT typ 20µF, see parameter measurement information, the output voltage ripple depends on the effective
capacitance of the output capacitor, larger output capacitors lead to tighter output voltage tolerance
(7)
In Power Save Mode, PWM operation is typically entered at IPSM = VIN/32Ω.
(8)
For VOUT > 2.2V, VIN min = VOUT +0.3V
(9)
This time is valid if one converter turns from shutdown mode (EN2 = 0) to active mode (EN2 =1) AND the other converter is already
enabled (e.g., EN1 = 1). In case both converters are turned from shutdown mode (EN1 and EN2 = low) to active mode (EN1 and/or
EN2=1) a value of typ 80
µs for ramp up of internal circuits needs to be added. After t
Start the converter starts switching and ramps
VOUT.
4
Submit Documentation Feedback


Similar Part No. - TPS62420DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420DRC TI-TPS62420DRC Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
More results

Similar Description - TPS62420DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com