Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62420DRCRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62420DRCRG4
Description  2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62420DRCRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62420DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62420DRCRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SW1
FB1
SW2
ADJ2
DEF_1
VIN
EN_1
EN_2
MODE/
DATA
TPS62420
GND
R11
R12
L1
VIN2.5V-6V
C
10 F
IN
m
2.2 H
LPS4018
m
VOUT1
C
2x10 F
GRM21BR61A106K
OUT1
m
R21
R22
L2
VOUT2
C
2x10 F
GRM21BR61A106K
OUT2
m
C
33pF
ff2
2.2 H
LPS4018
m
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TPS62420
SLVS676B – JUNE 2006 – REVISED OCTOBER 2006
FIGURE NO.
Efficiency VOUT1 = 1.1V
1
Efficiency VOUT1 = 1.575V
2
Efficiency VOUT2 = 1.8V
3
Efficiency VOUT2 = 3.3V
4
Efficiency
vs VIN
5, 6
DC Output Accuracy VOUT1 = 1.1V
7
DC Output Accuracy VOUT2 = 3.3V
8
FOSC
vs VIN
9
Iq for one converter
10
Iq for both converters, not switching
11
RDSON PMOS
vs VIN
12
RDSON NMOS
vs VIN
13
Light Load Output Voltage Ripple in Power Save Mode
14
Output Voltage Ripple in Forced PWM Mode
15
Output Voltage Ripple in PWM Mode
16
Forced PWM/ PFM ModeTransition
17
Load Transient Response PFM/PWM
18
Load Transient Response PWM Operation
19
Line Rransient Response
20
Startup Timing One Converter
21
Typical Operation VIN = 3.6V, VOUT1 = 1.575V, VOUT2 = 1.8V
22
Typical Operation VIN = 3.6V, VOUT1 = 1.8V, VOUT2 = 3.0V
23
Typical Operation VIN = 3.6V, VOUT1 = 1.2V, VOUT2 = 1.2V
24
VOUT1 Change With Easy Scale
25
7
Submit Documentation Feedback


Similar Part No. - TPS62420DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420DRC TI-TPS62420DRC Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
More results

Similar Description - TPS62420DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com