Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA22J72207DQ Datasheet(PDF) 1 Page - ITT Industries

Part # CA22J72207DQ
Description  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA22J72207DQ Datasheet(HTML) 1 Page - ITT Industries

  CA22J72207DQ Datasheet HTML 1Page - ITT Industries CA22J72207DQ Datasheet HTML 2Page - ITT Industries CA22J72207DQ Datasheet HTML 3Page - ITT Industries CA22J72207DQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H-106
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
Models Available
C&K CA Series
Power Rocker Switches
Features/Benefits
15 AMPS @ 125 V AC
Cosmetic slimline detail
Positive detent
Typical Applications
Hair dryers and other small appliances
HVAC and other large appliances
RoHS compliant
Specifications
CONTACT RATING: 15 AMPS @ 125 V AC; 10 AMPS
@ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC
.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: -30ºC to +85ºC
Materials
HOUSING: 6/6 nylon (UL 94V-2), black.
ACTUATOR: Polycarbonate (UL 94V-2), black.
CONTACTS: Coin silver, silver plated.
TERMINALS: Copper, silver plated.
CONTACT SPRING: Music wire.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and material listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages H–106 through H–109. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
CA01 SPDT, On-On
CA02 SPST, On-Off
CA21 DPDT, On-On
CA22 DPST, On-Off
Actuator
J1 Rocker with gloss finish
J7 Curved rocker with matte finish
Actuator Color
2 Black
1 White
3 Red
6 Green
Housing Color
2 Black
Contact Material
Q Silver
Terminations
07 Quick connect
Actuator Markings
NONE No marking
D ON-OFF
H O |
P O –


Similar Part No. - CA22J72207DQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA224 INTERSIL-CA224 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Cooper Bussmann, Inc.
CA22D15 COOPER-CA22D15 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D30 COOPER-CA22D30 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D45 COOPER-CA22D45 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D60 COOPER-CA22D60 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - CA22J72207DQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com