Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8122AH Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8122AH
Description  White LED Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8122AH Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8122AH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8122AH Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SM8122A
NIPPON PRECISION CIRCUITS INC.—11
Current Switching using External Transistors
If only a few brightness steps are required, the LED current can be adjusted by switching the LED current set-
ting resistance using external transistors (Tr).
SW
VOUT
FB
SM8122
R1
250
SBD
Select signal 1
Tr1
R2
100
VDD
CE
COUT
1.0
µF
CIN
4.7
µF
VIN
3.6V
LED
Select signal 2
Tr2
R3
40
VSS
L
4.7
µH
Select signal 2
Select signal 1
ILED
Low
Low
2mA
Low
High
2 + 5 = 7mA
High
Low
2 + 12.5 = 14.5mA
High
High
2 + 5 + 12.5 = 19.5mA


Similar Part No. - SM8122AH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
SM8120A NPC-SM8120A Datasheet
201Kb / 14P
   White LED Driver IC
SM8120AH NPC-SM8120AH Datasheet
201Kb / 14P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8121AD NPC-SM8121AD Datasheet
372Kb / 19P
   White LED Driver IC
More results

Similar Description - SM8122AH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com