Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH05T210WAH Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAH
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAH Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH05T210WAH Datasheet HTML 6Page - Texas Instruments PTH05T210WAH Datasheet HTML 7Page - Texas Instruments PTH05T210WAH Datasheet HTML 8Page - Texas Instruments PTH05T210WAH Datasheet HTML 9Page - Texas Instruments PTH05T210WAH Datasheet HTML 10Page - Texas Instruments PTH05T210WAH Datasheet HTML 11Page - Texas Instruments PTH05T210WAH Datasheet HTML 12Page - Texas Instruments PTH05T210WAH Datasheet HTML 13Page - Texas Instruments PTH05T210WAH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max
Output Bus
Max.
Capacitor Vendor,
Ripple
Working
Value
ESR
Physical
Input
Type Series (Style)
TurboTrans
Current at
Vendor Part No.
No
Voltage
(µF)
at 100
Size (mm)
Bus
(Cap
85
°C
TurboTrans
kHz
Type)(2)
(Irms)
Panasonic
25 V
1000
0.043
Ω >1690 mA
16
× 15
1
≥ 2(3)
N/R(4)
EEUFC1E102S
FC (Radial)
25 V
1800
0.029
2205 mA
16
× 20
1
≥ 1(3)
N/R(4)
EEUFC1E182
FC(SMD)
25 V
2200
0.028
Ω >2490 mA
18
× 21,5
1
≥ 1(3)
N/R(4)
EEVFC1E222N
FK(SMD)
25 V
1000
0.060
1100 mA
12,5
×13,5
1
≥ 2(5)
N/R(4)
EEVFK1V102Q
United Chemi-Con
PTB(SMD) Polymer
6.3 V
470
0.025
2600 mA
7,3x 4,3x
2(6)
≥ 2 ~ ≤ 4(3)
C
≥ 2(2)
6PTB477MD8TER
Tantalum
2.8
LXZ, Aluminum (Radial)
25 V
680
0.068
1050 mA
10
× 16
2
≥ 1 ~ ≤ 3(3)
N/R(4)
LXZ25VB681M10X20LL
PS,
16 V
330
0.014
5060 mA
10
× 12,5
3(6)
≥ 2 ~ ≤ 3
B
≥ 2(2)
16PS330MJ12
Poly-Aluminum(Radial)
PXA, Poly-Aluminum
16 V
330
0.014
5050 mA
10
× 12,2
3(6)
≥ 2 ~ ≤ 3
B
≥ 2(2)
PXA16VC331MJ12TP
(SMD)
PS,
6.3 V
680
0.010
5500 mA
10
× 12,5
2
≥ 1 ~≤ 2
C
≥ 1(2)
6PS680MJ12
Poly-Aluminum(Radial)
PXA,
6.3 V
470
0.012
4770 mA
8
× 12,2
2(6)
≥ 1 ~ ≤ 2
C
≥ 1(2)
PXA6.3VC471MH12TP
Poly-Aluminum(Radial)
Nichicon, Aluminum
25 V
470
0.070
985 mA
12,5
× 15
2(6)
≥ 2(3)
N/R(4)
UPM1E471MHH6
HD (Radial)
25 V
470
0.038
1430 mA
10
× 16
2(6)
≥ 2(3)
N/R(4)
UHD1E471MHR
PM (Radial)
35 V
560
0.048
1360 mA
16
× 15
2
≥ 2(3)
N/R(4)
UPM1V561MHH6
Panasonic,
7,3 L
×4,3
Poly-Aluminum:
2.0 V
390
0.005
4000 mA
W
×4,2H
N/R(7)
N/R(7)
B
≥ 2(2)
EEFSE0J391R(VO≤1.6V)(8)
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
See the capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process requirements.
Component designators or part number deviations can occur when material composition or soldering requirements are updated.
(2)
Required capacitors with TurboTrans. See the TransTrans Application information for Capacitor Selection
Capacitor Type Groups by ESR (Equivalent Series Resistance) :
Type A = (100 < capacitance
× ESR ≤ 1000)
Type B = (1,000 < capacitance
× ESR ≤ 5,000)
Type C = (5,001 < capacitance
× ESR ≤ 10,000)
(3)
Total bulk nonceramic capacitors on the output bus with ESR of
≥ 15mΩ to ≤ 30mΩ requires an additional ≥ 200 µF of ceramic
capacitor.
(4)
Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher ESR
× capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(5)
Output bulk capacitor's maximum ESR is
≥ 30 mΩ. Additional ceramic capacitance of ≥ 200 µF is required.
(6)
The minimum capactiance on the input bus can be less than 1000
µF when using this type of capacitor. Insure that the minimum rms
ripple current rating is met.
(7)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(8)
The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 80% of the working voltage.
10
Submit Documentation Feedback


Similar Part No. - PTH05T210WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
More results

Similar Description - PTH05T210WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
logo
Astec America, Inc
ATH30T05 ASTEC-ATH30T05 Datasheet
409Kb / 16P
   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Texas Instruments
PTH05030W TI-PTH05030W Datasheet
440Kb / 18P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PTH05030W TI-PTH05030W_15 Datasheet
416Kb / 19P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com