Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA04J738107Q Datasheet(PDF) 4 Page - ITT Industries

Part # CA04J738107Q
Description  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA04J738107Q Datasheet(HTML) 4 Page - ITT Industries

  CA04J738107Q Datasheet HTML 1Page - ITT Industries CA04J738107Q Datasheet HTML 2Page - ITT Industries CA04J738107Q Datasheet HTML 3Page - ITT Industries CA04J738107Q Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H-113
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K CA Series
Illuminated Power Rocker Switches
TERMINATIONS
ACTUATOR MARKINGS
CONTACT MATERIAL
ON
OFF
O
2
O
I
SP
DP
PANEL MOUNTING
SP
DP
'A'
'A'
1.126
(28,60)
.118–.177
(3,00) (4,50)
1.110
(28,20)
.078–.118
(2,00) (3,00)
1.102
(28,00)
.059–.078
(1,50) (2,00)
DIM ‘A’
PANEL THICKNESS
07
QUICK CONNECT
NONE NO MARKING
D ON-OFF
H O I
P O –
1 CONTACTS: Coin silver, silver plated.
TERMINALS: Copper, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Marking color white, standard for all actuator colors except yellow. Marking color black, standard for
yellow actuators. Consult Customer Service Center for other available markings and colors.
NOTE: Orientation of actuator
markings and terminals
15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC; 1/4 HP @
125 V AC or 250 V AC (UL/CSA).
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER 1
POWER
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
Q
YES
YES


Similar Part No. - CA04J738107Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA04J7-371-07-DQ CK-COMPONENTS-CA04J7-371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-371-07-HQ CK-COMPONENTS-CA04J7-371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-371-07-P-Q CK-COMPONENTS-CA04J7-371-07-P-Q Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-37207-DQ CK-COMPONENTS-CA04J7-37207-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-37207-HQ CK-COMPONENTS-CA04J7-37207-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Similar Description - CA04J738107Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com