Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8386 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8386
Description  10-Bit, 12-Channel Output Decimating LCD Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8386 Datasheet(HTML) 4 Page - Analog Devices

  AD8386 Datasheet HTML 1Page - Analog Devices AD8386 Datasheet HTML 2Page - Analog Devices AD8386 Datasheet HTML 3Page - Analog Devices AD8386 Datasheet HTML 4Page - Analog Devices AD8386 Datasheet HTML 5Page - Analog Devices AD8386 Datasheet HTML 6Page - Analog Devices AD8386 Datasheet HTML 7Page - Analog Devices AD8386 Datasheet HTML 8Page - Analog Devices AD8386 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8386
Rev. 0 | Page 4 of 20
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL TIMING CHARACTERISTICS
TA MIN to TA MAX
Maximum Input Data Update Rate
100
Ms/s
Data Setup Time: t1
1
ns
XFR Setup Time: t3
0
ns
INV Setup Time: t11
0
ns
Data Hold Time: t2
3.5
ns
XFR Hold Time: t4
4.5
ns
INV Hold Time: t12
4
ns
CLK High Time: t7
6
ns
CLK Low Time: t8
4
ns
1 VDE = differential error voltage. VCME = common-mode error voltage. Full-scale output voltage = VFS = 2 × (VRH − VRL). See the Accuracy section.
2 Measured on two outputs differentially as CLK and DB (0:9) are driven and XFR is held low.
3 Measured on two outputs differentially as the others are transitioning by 5 V. Measured for both states of INV.
4 Measured from 50% of rising CLK edge to 50% of output change. Measurement is made for both states of INV.
5 Measured from 50% of rising CLK edge, which follows a valid XFR, to 50% of output change. See Figure 6 for the definition.


Similar Part No. - AD8386

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
More results

Similar Description - AD8386

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com