Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A421122A2NZNBE Datasheet(PDF) 4 Page - ITT Industries

Part # A421122A2NZNBE
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A421122A2NZNBE Datasheet(HTML) 4 Page - ITT Industries

  A421122A2NZNBE Datasheet HTML 1Page - ITT Industries A421122A2NZNBE Datasheet HTML 2Page - ITT Industries A421122A2NZNBE Datasheet HTML 3Page - ITT Industries A421122A2NZNBE Datasheet HTML 4Page - ITT Industries A421122A2NZNBE Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M–37
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
TERMINATIONS
MOUNTING/LOCK STYLE
PANEL MOUNTING
1.036
(26,31)
.270
(6,68)
PANEL MOUNTING
3P MODEL
4P MODEL
PC MOUNTING
R
REMOVABLE DRESS NUT
N
WITH NUT
Z
SOLDER LUG
C
PC THRU-HOLE
TYPICAL INSTALLATION
Install hex nut with enough clearance to allow for dress nut
and panel. Place switch through cutout in rear of panel.
Install and tighten dress nut by hand, then tighten hex nut.
Always tighten assembly with back of panel hex nut to
avoid damaging front of panel.
Nut part number: 175050700
SP MODEL (omit terminals B, C ,D)
DP MODEL (omit terminals B & D)


Similar Part No. - A421122A2NZNBE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
A42180-R SEOUL-A42180-R Datasheet
724Kb / 32P
   Full Code of Z-Power LED Series
logo
List of Unclassifed Man...
A421S1YZQ ETC2-A421S1YZQ Datasheet
1Mb / 12P
   Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
More results

Similar Description - A421122A2NZNBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com