Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67P83181 Datasheet(PDF) 4 Page - AMIC Technology

Part # A67P83181
Description  256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P83181 Datasheet(HTML) 4 Page - AMIC Technology

  A67P83181 Datasheet HTML 1Page - AMIC Technology A67P83181 Datasheet HTML 2Page - AMIC Technology A67P83181 Datasheet HTML 3Page - AMIC Technology A67P83181 Datasheet HTML 4Page - AMIC Technology A67P83181 Datasheet HTML 5Page - AMIC Technology A67P83181 Datasheet HTML 6Page - AMIC Technology A67P83181 Datasheet HTML 7Page - AMIC Technology A67P83181 Datasheet HTML 8Page - AMIC Technology A67P83181 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
A67P83181/A67P73361 Series
PRELIMINARY
(July, 2005, Version 0.0)
4
AMIC Technology, Corp.
Block Diagram (128K X 36)
MODE
LOGIC
CLK
LOGIC
ADDRESS
REGISTERS
BURST
LOGIC
ADDRESS
COUNTER
CLR
WRITE
REGISTRY
&
CONTROL
LOGIC
BYTEa
WRITE
DRIVER
BYTEb
WRITE
DRIVER
BYTEc
WRITE
DRIVER
BYTEd
WRITE
DRIVER
9
9
9
9
128KX9X4
MEMORY
ARRAY
9
9
9
9
OUTPUT
BUFFERS
CHIP
ENABLE
LOGIC
FLOW-THROUGH
ENABLE
LOGIC
OUTPUT
ENABLE
LOGIC
ZZ
MODE
ADV/LD
CLK
A0-A16
R/W
BW1
BW2
BW3
BW4
CE
CE2
CE2
OE
CEN
WRITE
ADDRESS
REGISTER
ADV/LD
DATA-IN
REGISTERS
I/O s
SENSE
AMPS


Similar Part No. - A67P83181

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.6 AMICC-A67P8318E-2.6 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.6F AMICC-A67P8318E-2.6F Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.8 AMICC-A67P8318E-2.8 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.8F AMICC-A67P8318E-2.8F Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
More results

Similar Description - A67P83181

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361 AMICC-A67P83361 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L83361 AMICC-A67L83361 Datasheet
200Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181 AMICC-A67L93181_15 Datasheet
200Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P16181 AMICC-A67P16181 Datasheet
198Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361 AMICC-A67L06361 Datasheet
200Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com