Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4238TD-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT4238TD-GT3
Description  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4238TD-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT4238TD-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT4238TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT4238
© 2006 Catalyst Semiconductor, Inc.
5
Doc. No. 5019 Rev. A
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN = 4.7μF, COUT = 0.22µF, L = 47µH with 10 LEDs at 20mA, TAMB = 25ºC, unless otherwise specified.
Quiescent Current vs. VIN (Not Switching)
50
75
100
125
150
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
VFB = 0.4V
Quiescent Current vs. VIN (Switching)
0.0
0.5
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
FB pin voltage vs. Temperature
297
298
299
300
301
302
303
-50
0
50
100
150
TEMPERATURE [ºC]
FB Pin Voltage vs. Output Current
290
295
300
305
310
5
1015202530
OUTPUT CURRENT [mA]
10 LEDs
Switching Frequency vs. Supply Voltage
Switching Waveforms
0.8
0.9
1.0
1.1
1.2
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]


Similar Part No. - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
More results

Similar Description - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com