Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3612 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT3612
Description  Programmable 300mA Camera Flash LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3612 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT3612 Datasheet HTML 5Page - Catalyst Semiconductor CAT3612 Datasheet HTML 6Page - Catalyst Semiconductor CAT3612 Datasheet HTML 7Page - Catalyst Semiconductor CAT3612 Datasheet HTML 8Page - Catalyst Semiconductor CAT3612 Datasheet HTML 9Page - Catalyst Semiconductor CAT3612 Datasheet HTML 10Page - Catalyst Semiconductor CAT3612 Datasheet HTML 11Page - Catalyst Semiconductor CAT3612 Datasheet HTML 12Page - Catalyst Semiconductor CAT3612 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT3612
Doc. No. 5016 Rev. A
10
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
LED Current Setting
Figure 1 shows the EN/DIM input timing diagram for
setting the LED currents. The EN/DIM set-up time
requires the signal to be held high for 10
µs or longer
to ensure the initialization of the driver at power-up.
Each subsequent pulse on the EN/DIM (300ns to
200
µs pulse duration) steps down the LED current
from full scale of 150mA to zero with nearly 5mA
resolution. The selection of the LED current per
channel is shown in Table 1. Consecutive pulses
should be separated by 300ns or longer. Pulsing
beyond the 0mA level restores the current level back
to full scale and the cycle repeats. Pulsing frequencies
from 5kHz up to 1MHz can be supported during
dimming operations. When the EN/DIM is held low for
1.5ms or more, the CAT3612 enters the shutdown
mode and draws “zero” current.
For applications with a single LED connected to one
LED pin only, the unused LED pin must be tied to
VOUT, as shown on Figure 3.
Figure 3. Single LED on one LED pin
Figure 4. Application with 2 LEDs
Table 1. Selection of LED current per Channel
Number of pulses
on EN/DIM
LED current
(mA)
1
150
2
145
3
140
4
135.5
5
131
6
126
7
121
8
116
9
111
10
106.5
11
101.5
12
97
13
92
14
87
15
82
16
77.5
17
72.5
18
68
19
63
20
58
21
53
22
48.5
23
43.5
24
39
25
34
26
29
27
24
28
19
29
14.5
30
10
31
5
32
0


Similar Part No. - CAT3612

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
CAT3612HV2-GT2 ONSEMI-CAT3612HV2-GT2 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
CAT3612HV2-T2 ONSEMI-CAT3612HV2-T2 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
More results

Similar Description - CAT3612

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
Skyworks Solutions Inc.
AAT1282 SKYWORKS-AAT1282 Datasheet
3Mb / 22P
   2A Driver for High Intensity LED Camera Flash
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com