Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1176 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1176
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176 Datasheet(HTML) 3 Page - Analog Devices

  ADM1176 Datasheet HTML 1Page - Analog Devices ADM1176 Datasheet HTML 2Page - Analog Devices ADM1176 Datasheet HTML 3Page - Analog Devices ADM1176 Datasheet HTML 4Page - Analog Devices ADM1176 Datasheet HTML 5Page - Analog Devices ADM1176 Datasheet HTML 6Page - Analog Devices ADM1176 Datasheet HTML 7Page - Analog Devices ADM1176 Datasheet HTML 8Page - Analog Devices ADM1176 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADM1176
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VCC = 3.15 V to 16.5 V; TA = −40°C to +85°C; typical values at TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
VCC PIN
Operating Voltage Range, VVCC
3.15
16.5
V
Supply Current, ICC
1.7
2.5
mA
Undervoltage Lockout, VUVLO
2.8
V
VCC rising
Undervoltage Lockout Hysteresis, VUVLOHYST
80
mV
ON PIN
Input Current, IINON
−100
+100
nA
ON < 1.5 V
−2
+2
μA
Rising Threshold, VONTH
1.26
1.3
1.34
V
ON rising
Trip Threshold Hysteresis, VONHYST
35
50
65
mV
Glitch Filter Time
3
μs
SENSE PIN
Input Leakage, ISENSE
−1
+1
μA
VSENSE = VVCC
Overcurrent Fault Timing Threshold, VOCTIM
92
mV
VOCTRIM = (VVCC − VSENSE), fault timing starts on the
TIMER pin
Overcurrent Limit Threshold, VLIM
97
100
103
mV
VLIM = (VVCC − VSENSE), closed-loop regulation to a
current limit
Fast Overcurrent Trip Threshold, VOCFAST
115
mV
VOCFAST = (VVCC − VSENSE), gate pull-down current
turned on
GATE PIN
Drive Voltage, VGATE
3
6
9
V
VGATE − VVCC, VVCC = 3.15 V
9
11
13
V
VGATE − VVCC, VVCC = 5 V
7
10
13
V
VGATE − VVCC, VVCC = 16.5 V
Pull-Up Current
8
12.5
17
μA
VGATE = 0 V
Pull-Down Current
1.5
mA
VGATE = 3 V, VVCC = 3.15 V
5
mA
VGATE = 3 V, VVCC = 5 V
7
mA
VGATE = 3 V, VVCC = 16.5 V
TIMER PIN
Pull-Up Current (Power On Reset), ITIMERUPPOR
−3.5
−5
−6.5
μA
Initial cycle, VTIMER = 1 V
Pull-Up Current (Fault Mode), ITIMERUPFAULT
−40
−60
−80
μA
During current fault, VTIMER = 1 V
Pull-Down Current (Retry Mode), ITIMERDNRETRY
2
3
μA
After current fault and during a cool-down
period on a retry device, VTIMER = 1 V
Pull-Down Current, ITIMERDN
100
μA
Normal operation, VTIMER = 1 V
Trip Threshold High, VTIMERH
1.26
1.3
1.34
V
TIMER rising
Trip Threshold Low, VTIMERL
0.175
0.2
0.225
V
TIMER falling
A0 PIN, A1 PIN
Set Address to 00, VADRLOWV
0
0.8
V
Low state
Set Address to 01, RADRLOWZ
135
150
165
Resistor to ground state, load pin with specified
resistance for 01 decode
Set Address to 10, IADRHIGHZ
−1
+1
μA
Open state, maximum load allowed on the A0
pin and the A1 pin for 10 decode
Set Address to 11, VADRHIGHV
2
5.5
V
High state
Input Current for 11 Decode, IADRLOW
3
10
μA
VADR = 2.0 V to 5.5 V
Input Current for 00 Decode, IADRHIGH
−40
−22
μA
VADR = 0 V to 0.8 V


Similar Part No. - ADM1176

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170-1AUJZ-RL7 AD-ADM1170-1AUJZ-RL7 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170-2AUJZ-RL7 AD-ADM1170-2AUJZ-RL7 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
More results

Similar Description - ADM1176

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
   High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1191 AD-ADM1191 Datasheet
389Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB O
REV. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com