Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF1601-70-4I-B3KE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST39VF1601-70-4I-B3KE
Description  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF1601-70-4I-B3KE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST39VF1601-70-4I-B3KE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF1601-70-4I-B3KE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary Specifications
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
3
©2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
To resume Sector-Erase or Block-Erase operation which has
been suspended the system must issue Erase Resume
command. The operation is executed by issuing one byte
command sequence with Erase Resume command (30H)
at any address in the last Byte sequence.
Chip-Erase Operation
The SST39VF160x/320x/640x provide a Chip-Erase oper-
ation, which allows the user to erase the entire memory
array to the “1” state. This is useful when the entire device
must be quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command
(10H) at address 5555H in the last byte sequence. The
Erase operation begins with the rising edge of the sixth
WE# or CE#, whichever occurs first. During the Erase
operation, the only valid read is Toggle Bit or Data# Polling.
See Table 6 for the command sequence, Figure 9 for tim-
ing diagram, and Figure 23 for the flowchart. Any com-
mands issued during the Chip-Erase operation are
ignored. When WP# is low, any attempt to Chip-Erase will
be ignored. During the command sequence, WP# should
be statically held high or low.
Write Operation Status Detection
The
SST39VF160x/320x/640x provide
two
software
means to detect the completion of a Write (Program or
Erase) cycle, in order to optimize the system write cycle
time. The software detection includes two status bits: Data#
Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write
detection mode is enabled after the rising edge of WE#,
which initiates the internal Program or Erase operation.
The actual completion of the nonvolatile write is asyn-
chronous with the system; therefore, either a Data# Poll-
ing or Toggle Bit read may be simultaneous with the
completion of the write cycle. If this occurs, the system
may possibly get an erroneous result, i.e., valid data may
appear to conflict with either DQ7 or DQ6. In order to pre-
vent spurious rejection, if an erroneous result occurs, the
software routine should include a loop to read the
accessed location an additional two (2) times. If both
reads are valid, then the device has completed the Write
cycle, otherwise the rejection is valid.
Data# Polling (DQ7)
When the SST39VF160x/320x/640x are in the internal
Program operation, any attempt to read DQ7 will produce
the complement of the true data. Once the Program oper-
ation is completed, DQ7 will produce true data. Note that
even though DQ7 may have valid data immediately follow-
ing the completion of an internal Write operation, the
remaining data outputs may still be invalid: valid data on the
entire data bus will appear in subsequent successive Read
cycles after an interval of 1 µs. During internal Erase oper-
ation, any attempt to read DQ7 will produce a ‘0’. Once the
internal Erase operation is completed, DQ7 will produce a
‘1’. The Data# Polling is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector-,
Block- or Chip-Erase, the Data# Polling is valid after the
rising edge of sixth WE# (or CE#) pulse. See Figure 6 for
Data# Polling timing diagram and Figure 20 for a flowchart.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating “1”s
and “0”s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the DQ6 bit will
stop toggling. The device is then ready for the next opera-
tion. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6)
is valid after the rising edge of sixth WE# (or CE#) pulse.
DQ6 will be set to “1” if a Read operation is attempted on an
Erase-Suspended Sector/Block. If Program operation is ini-
tiated in a sector/block not selected in Erase-Suspend
mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be
used in conjunction with DQ6 to check whether a particular
sector is being actively erased or erase-suspended. Table 1
shows detailed status bits information. The Toggle Bit
(DQ2) is valid after the rising edge of the last WE# (or CE#)
pulse of Write operation. See Figure 7 for Toggle Bit timing
diagram and Figure 20 for a flowchart.
Note: DQ7 and DQ2 require a valid address when reading
status information.
TABLE
1: WRITE OPERATION STATUS
Status
DQ7
DQ6
DQ2
Normal
Operation
Standard
Program
DQ7#
Toggle
No Toggle
Standard
Erase
0
Toggle
Toggle
Erase-
Suspend
Mode
Read from
Erase-Suspended
Sector/Block
1
1
Toggle
Read from
Non- Erase-Suspended
Sector/Block
Data
Data
Data
Program
DQ7#
Toggle
N/A
T1.0 1223


Similar Part No. - SST39VF1601-70-4I-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF1601C-70-4C-B3KE MICROCHIP-SST39VF1601C-70-4C-B3KE Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF1601C-70-4C-B3QE MICROCHIP-SST39VF1601C-70-4C-B3QE Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
More results

Similar Description - SST39VF1601-70-4I-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com