Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DANE-9S-L2-E03-A190 Datasheet(PDF) 2 Page - ITT Industries

Part # DANE-9S-L2-E03-A190
Description  Eurostyle D Subminiature Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DANE-9S-L2-E03-A190 Datasheet(HTML) 2 Page - ITT Industries

  DANE-9S-L2-E03-A190 Datasheet HTML 1Page - ITT Industries DANE-9S-L2-E03-A190 Datasheet HTML 2Page - ITT Industries DANE-9S-L2-E03-A190 Datasheet HTML 3Page - ITT Industries DANE-9S-L2-E03-A190 Datasheet HTML 4Page - ITT Industries DANE-9S-L2-E03-A190 Datasheet HTML 5Page - ITT Industries DANE-9S-L2-E03-A190 Datasheet HTML 6Page - ITT Industries DANE-9S-L2-E03-A190 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.ittcannon.com
Dimensions are shown in mm
Dimensions subject to change
Eurostyle D Subminiature Connectors
2
Cannon
Technical Data
Materials and Finishes
Shell
Steel, tin plated
Insulator
Thermoplastic, UL 94V-0
Contacts
Copper alloy, gold over nickel plated
Boardlock / Grounding Insert
Brass, tin plated
Threaded insert
Steel, tin plated
Electrical Data
Current rating
5 A / 25
°C, 3,5 A / 70°C ambient
temperature
Test voltage
1000 V ac rms at sea level
Insulation resistance
5 G
Ω min.
Contact resistance
25 m
Mechanical Data
Polarizing
Keystone shaped front shell
Number of contacts
9, 15, 25 and 37
Termination method
Solder pin 90
° Eurostyle acc.
CECC 75301802
Performance class 3 (Standard)
50 mating cycles (without code)
Performance class 2
200 mating cycles (code -A191)
Performance class 1
500 mating cycles (code -A190)
Operating temperature
- 55
°C to 125°C
Introduction
The D Subminiature Eurostyle connector is a
product line extension of the well known
D Subminiature family originally invented by
ITT Industries, Cannon.
It is a special low profile 90
° solder pin
connector acc. to the CECC75 301 802
European specification. It replaces the D*
version with the code 1AEN which was not
100% in line with above mentioned
specification.
Meets European Eurostyle specification CECC75 301 802
Available in all common layouts (9, 15, 25, 37-way), male and female
Available in Performance Classes 1, 2 and 3 according to DIN 41652
Clinch nut with M3 or4-40 UNC thread
Jack Post with M3 or 4-40 UNC thread
Product features
Introduction
The main applications will be found in industrial
as well as in telecommunication equipment.
The major advantage for the end user is to
achieve additional space due to the low profile
configuration.
The D Subminiature Eurostyle connectors are
fully mateable with all standard D Subminiature
connectors according to DIN 41652.


Similar Part No. - DANE-9S-L2-E03-A190

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DAN NJSEMI-DAN Datasheet
446Kb / 1P
   DAN & DAP Networks
logo
PAIRUI GROUP INC.
DAN-1 PAIRUI-DAN-1 Datasheet
388Kb / 3P
   DC-DC Converter
logo
Exar Corporation
DAN-101 EXAR-DAN-101 Datasheet
25Kb / 3P
   Replacing SCN68681 with XR68C681 DUART
DAN-102 EXAR-DAN-102 Datasheet
44Kb / 3P
   Infrared Application
DAN-107 EXAR-DAN-107 Datasheet
35Kb / 4P
   Interfacing 16Cxxx UARTs to a CPU
More results

Similar Description - DANE-9S-L2-E03-A190

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com