Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2-B1N5T Datasheet(PDF) 2 Page - NEC

Part # EN2-B1N5T
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EN2-B1N5T Datasheet(HTML) 2 Page - NEC

  EN2-B1N5T Datasheet HTML 1Page - NEC EN2-B1N5T Datasheet HTML 2Page - NEC EN2-B1N5T Datasheet HTML 3Page - NEC EN2-B1N5T Datasheet HTML 4Page - NEC EN2-B1N5T Datasheet HTML 5Page - NEC EN2-B1N5T Datasheet HTML 6Page - NEC EN2-B1N5T Datasheet HTML 7Page - NEC EN2-B1N5T Datasheet HTML 8Page - NEC EN2-B1N5T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DESCRIPTION
EN2 Series
The EN2, EP2, EPI and MR301 series power relays can meet the requirements of high quality and reliability in automotive
eIectronics applications.
The EN2 and EP2 series are the twin relays which have two units in one package and smaller than conventional two relays.
These relays are divided into two types for different usage. One is H bridge type and the other is separate type.
The EN2 series is suitable for heavy load applications (35 A max.). The EP2 series is designed for medium load applications
(25 A max.). The EP1 and MR301 series are the 1C contact form relays.
Many of these relays have been used in automotive electronics applications throughout the world.
FEATURES
q Twin relay for motor and solenoid reversible control
q 30% Iess relay space than conventional two relays
q Contact switching current of 35 A max.
q High performance and productivity by unique
symmetrical structure
q Flux tight housing
q Delivered in stick-tube for automatic insertion machine
q Washable type available
PART NUMBERS AND COIL RATINGS
Nominal
Coil
Nominal
Must
Must
Nominal
Voltage
Resistance
Current
Operate Voltage Release Voltage
Operate Power
(Vdc)
(
Ω ± 10%)
(mA)
(Vdc max.)
(Vdc min.)
(W)
12
125
96.0
6.5
0.6
1.15
12
125
96.0
7.0
0.6
1.15
12
180
67.0
7.5
0.6
0.8
12
180
67.0
8.0
0.6
0.8
12
250
53.0
8.0
0.9
0.64
12
250
53.0
8.5
0.9
0.64
Part Numbers
H Bridge Type Separate Type
EN2-1N1S
EN2-1N1ST
EN2-1N2S
EN2-1N2ST
EN2-2N3S
EN2-2N3ST
EN2-2N4S
EN2-2N4ST
EN2-3N4S
EN2-3N4ST
EN2-3N5S
EN2-3N5ST
at 25˚C (77˚F)
s PART NUMBER SYSTEM
EN2-B1N1ST
Wiring
Type
Enclosure
Carrying Current Capacity
Contact Material
Operate Voltage
(at 25
°C)
Coil Resistance
(at 25
°C)
Nil : H bridge type
T : Sparate type
Nil : Unsealed
S : Ssaled
1 : 6.5 V max.
2 : 7.0 V max.
3 : 7.5 V max.
4 : 8.0 V max.
5 : 8.5 V max.
Nil : Standard type
B : High current type
1 : 125
Ω ± 10%
2 : 180
Ω ± 10%
3 : 225
Ω ± 10%
N : Silver oxide complex alloy type I
H : Silver oxide complex alloy type II


Similar Part No. - EN2-B1N5T

ManufacturerPart #DatasheetDescription
logo
SAB North America
EN2-1 SAB-EN2-1 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-1/2 SAB-EN2-1/2 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-3/4 SAB-EN2-3/4 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-3/4R SAB-EN2-3/4R Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-3/8 SAB-EN2-3/8 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EN2-B1N5T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
American Electronic Com...
DG60 AEC-DG60 Datasheet
444Kb / 3P
   Single and Twin relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com