Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGE2E1616H2H5FWB03 Datasheet(PDF) 2 Page - ITT Industries

Part # CGE2E1616H2H5FWB03
Description  High Power Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE2E1616H2H5FWB03 Datasheet(HTML) 2 Page - ITT Industries

  CGE2E1616H2H5FWB03 Datasheet HTML 1Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 2Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 3Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 4Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 5Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 6Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 7Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 8Page - ITT Industries CGE2E1616H2H5FWB03 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CGE
2
Dimensions are mm (inches)
Subject to changes
Contents
Introduction .......................................... 2
Connector Design .............................. 2
How to order ....................................... 3
Mateability ......................................... 3
Polarization ........................................... 3
Technical Data ...................................... 4
Panel Cut-Outs ..................................... 5
Connector Dimensions .......................... 6
Accessories ........................................... 9
Contacts and Tools ............................... 10
Product Safety Information .................. 11
Introduction
The Cannon CGE connectors are designed
to transmit very high current at low
voltage, as for example in the electrical
equipment of military land- and sea-borne
vehicles and in industrial applications. The
connectors meet the mating dimensions,
mechanical features and rear panel
installation requirements of VG 95234.
Ultraflexible shielded welding cables acc
to MTV 6145-005 are terminated to the
connectors.
Connector Design
The high power connectors CGE feature
one contact in a two-piece rigid insulator.
The aluminum shell has a chromate finish
over cadmium. The operating temperature
ranges from –55 to 125
°C.
The contacts made of copper or a copper
alloy with hard silver finish are designed
for crimping or termination to solid copper
conductors with threaded bolts. The
mechanical durability is a minimum of 500
mating cycles. The crimp contacts accept
wires according to DIN 46438 (25 – 240
mm2). Contact retention is achieved by the
two-piece insulator which is fixed to the
shell with a snap-in ring. This allows
unlimited exchange of the crimp contacts.
The bayonet coupling assures fast and
reliable mating and unmating. Audible
snap-in and colour-coded snap-in points
indicate positive mating. Plugs and
receptacles are waterproof in mated
condition up to 1 bar (35 feet of water).
O-Ring
Shell
Insulator
Cylindrical
O-Ring
Insulator
Spring ring
Contact
Contact
Contact
front side
rear side
Spring ring
Insulator
O-Ring
Spring
Insulator
Barrel assembly
Contact
contact
Contact
rear side
front side
Connector Design


Similar Part No. - CGE2E1616H2H5FWB03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CGE0.6101.151 SCHURTER-CGE0.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
List of Unclassifed Man...
CGE887BO ETC1-CGE887BO Datasheet
187Kb / 1P
   870MHZ.GaAs Optical Receiver Module
logo
SAB North America
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - CGE2E1616H2H5FWB03

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1433 APITECH-1433 Datasheet
175Kb / 1P
   High Power, N Connectors
1434 APITECH-1434 Datasheet
480Kb / 1P
   High Power, N Connectors
1456 APITECH-1456 Datasheet
518Kb / 1P
   High Power, N Connectors
logo
FCI connector
10009536-001 FCI-CONNECTOR-10009536-001 Datasheet
75Kb / 2P
   METRAL짰 HIGH-POWER CONNECTORS
logo
Hirose Electric
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
   High Current, High Density, Power Connectors
logo
API Technologies Corp
1470 APITECH-1470 Datasheet
511Kb / 1P
   High Power, N or SMK Connectors
1471 APITECH-1471 Datasheet
513Kb / 1P
   High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
   High Power, N or SMK Connectors
1432 APITECH-1432 Datasheet
466Kb / 1P
   High Power, N or SMK Connectors
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
   High Power/Signal Connectors for Industrial Machinery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com