Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A421122G2NCNB Datasheet(PDF) 2 Page - ITT Industries

Part # A421122G2NCNB
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A421122G2NCNB Datasheet(HTML) 2 Page - ITT Industries

  A421122G2NCNB Datasheet HTML 1Page - ITT Industries A421122G2NCNB Datasheet HTML 2Page - ITT Industries A421122G2NCNB Datasheet HTML 3Page - ITT Industries A421122G2NCNB Datasheet HTML 4Page - ITT Industries A421122G2NCNB Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M–35
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
AX161X SWITCH FUNCTION
SHOWN
= Detent Positions (30º , 45º or 90º )
= Key pull possible in these positions.
= Stop Positions
LEGEND
3P MODEL
4P MODEL
SP MODEL (omit terminals B, C & D)
DP MODEL (omit terminals B & D)
TERMINAL NUMBERS
Terminal numbers molded on housing bottom.
4
POS. 1
2
3
4
POS. 1
2
3
2
POS. 1
2
POS. 1
POS. 1
2
3
POS. 1
2
3
POS. 1
2
3
POS. 1
2
*NOTE: Switchlock models A114XX, A115XX, A116XX and A12112 with ‘C’
terminations have additional terminal no. 8 as switch support only. This terminal is
not connected electrically inside switch.
All models
with all options when ordered with ‘Q’ contact material.
AX14 models not available with ‘S’ shorting contacts.
Part number shown: A116132Y2NZNQ
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
SWITCH AND LOCK FUNCTION
45º
Position 1
A-2
A-2, B-5, C-8, D-11
A-1
A-1, B-4, C-7, D-10
A12112 *
A42112
SP
4P
Positions 1 & 4
A-4
A-3
A-2
A-1
A1161U *
SP
Position 1
A-4
A-4, C-10
A-3
A-3, C-9
A-2
A-2, C-8
A-1
A-1, C-7
A11613 *
A21613
SP
DP
Position 1
A-2, C-8
A-5, C-11
A-4, C-10
A21582
DP
Positions 1 & 3
A-4, B-8, C-12
A-2, B-6, C-10
A-1, B-5, C-9
A3151U
3P
Position 1
A-4
A-4, B-8, C-12
A-2
A-2, B-6, C-10
A-1
A-1, B-5, C-9
A11513 *
A31513
SP
3P
Positions 1 & 2
A-4, B-8, C-12
A-1, B-5, C-9
A3141U
3P
Position 1
A-4
A-4, B-8, C-12
A-1
A-1, B-5, C-9
A11413 *
A31413
SP
3P
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
POS. 4
MODEL
NO.
NO.
POLES
90º
30º
45º


Similar Part No. - A421122G2NCNB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
A42180-R SEOUL-A42180-R Datasheet
724Kb / 32P
   Full Code of Z-Power LED Series
logo
List of Unclassifed Man...
A421S1YZQ ETC2-A421S1YZQ Datasheet
1Mb / 12P
   Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
More results

Similar Description - A421122G2NCNB

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com