Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD10AV2 Datasheet(PDF) 2 Page - ITT Industries

Part No. BD10AV2
Description  Standard Profile DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

BD10AV2 Datasheet(HTML) 2 Page - ITT Industries

  BD10AV2 Datasheet HTML 1Page - ITT Industries BD10AV2 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-13
I
8
7
6
4
3
2
1
ON
0.050
(1,27)
.090
(2,29)
0.061 TYP.
(1,55)
0.026
(0,66)
0.300
(7,62)
.100
(2,54)
.020 TYP.
(0,51)
.100 TYP.
(2,54)
.010
(0,25)
.007
(0,18)
DIM.A
.380
(9,65)
.046 DIA TYP.
(1,17ø)
.100
(2,54)
.100 TYP.
(2,54)
5
.320
(8,13)
.125
(3,18)
8
7
6
4
3
2
1
ON
0.050
(1,27)
.090
(2,29)
0.061 TYP.
(1,55)
0.026
(0,66)
0.300
(7,62)
.020 TYP.
(0,51)
.100 TYP.
(2,54)
DIM.A
.380
(9,65)
0.046 DIA TYP.
(1,17ø)
0.100
(2,54)
0.100 TYP.
(2,54)
5
.280
(7,11)
.100
(2,54)
.115
(2,92)
.010
(0,25)
.007
(0,18)
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
BD02AV
2
.280 (7,11)
72
BD03AV
3
.380 (9,65)
52
BD04AV
4
.480 (12,19)
42
BD05AV
5
.580 (14,73)
35
BD06AV
6
.680 (17,27)
29
BD07AV
7
.780 (19,81)
26
BD08AV
8
.880 (22,35)
23
BD09AV
9
.980 (24,89)
20
BD10AV
10
1.080 (27,43)
18
BD12AV
12
1.280 (32,51)
15
Schematic
SPST
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
BD02AV2
2
.280 (7,11)
72
BD03AV2
3
.380 (9,65)
52
BD04AV2
4
.480 (12,19)
42
BD05AV2
5
.580 (14,73)
35
BD06AV2
6
.680 (17,27)
29
BD07AV2
7
.780 (19,81)
26
BD08AV2
8
.880 (22,35)
23
BD09AV2
9
.980 (24,89)
20
BD10AV2
10
1.080 (27,43)
18
BD12AV2
12
1.280 (32,51)
15
Schematic
SPST
C&K BD Series
Standard Profile DIP Switches
Open Base and AV Right Angle Terminal Style
Open Base and AV2 Right Angle Terminal Style
Installation, Soldering and Cleaning
All BD Series Standard Profile DIP Switches can be hand soldered or machine soldered without the use of boot, caps,
tapes or special attention. Open base washable models have unique design, allowing solvent cleaners and water/detergent
solutions to flush and clean the electrical contacts of the contaminants and fluxes. For best results, follow these directions:
1) Wave soldering recommended at 500° F solder temperature.
2) Hand solder using 30 watt small tip iron controlled at 500° F, 10 seconds max./terminal.
3) Open base washable models: Clean flux using forced rinse, high agitation or triple bath cleaning method.
DO NOT mask or cover switch in any way during cleaning. Switch is designed for easy solvent flush out.
4) All switch actuators must be in ‘OFF’ position during soldering and cleaning processes.
5) Closed base models with epoxy terminal seal available in even positions, consult factory for details.
NOTE: Box dimensions show difference between AV and AV2 terminal styles.
NOTE: Box dimensions show difference between AV and AV2 terminal styles.
BD08AV
BD08AV2


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NMC95C121024-bit CMOS EEPROM with DIP Switches 1 2 3 4 5 MoreNational Semiconductor (TI)
AK32DStandard Pitch DIP Adapters 1 2 3 4 5 List of Unclassifed Manufacturers
PFKC055 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE 1 2 List of Unclassifed Manufacturers
A15LOW PROFILE HIGH DENSITY DIP PLUG 1 DB Lectro Inc
76RSB04SThru-Hole DIP Switches 1 List of Unclassifed Manufacturers
XO5060Standard DIP/DIL Package 1 MTRONPTI
OL3204N-1001.3 mm High-Power DIP Module with 9mm Profile 1 2 3 OKI electronic componets
4N25Industry Standard Single Channel 6 Pin DIP Optocoupler 1 2 3 4 5 MoreInfineon Technologies AG
HBS2KGB4SP011CSingle Pole Standard Precision Snap-acting Switches 1 2 3 4 5 MoreITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn