Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM128GS12Y Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM128GS12Y
Description  128 X 128 Dots Graphic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM128GS12Y Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM128GS12Y Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 15
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
POWER SUPPLY FOR LCD
VL
-
-30.0
V
INPUT VOLTAGE
VIN
0
7.0
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
OPERATING VOLTAGE
VDD
-
4.5
5.0
5.5
V
POWER SUPPLY FOR LCD VDD-VL -
17.0 17.5 18.0 V
INPUT HIGH VOLTAGE
VIH
-
VDD
-2.2
-
VDD
V
INPUT LOW VOLTAGE
VIL
-
0
-
0.8
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
VDD
-0.4
-
VDD
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
0
-
0.4
V
POWER SUPPLY CURRENT IDD
VDD=5.0V
-
13.0 20.0 mA
LED FORWARD VOLTAGE VF
IF=500mA
3.8
4.2
4.6
V
BRIGHTNESS
L
IF=500mA
152
180
-
NIT
DRIVE METHOD
1/128 Duty
Features
Backlight....................................................EL or LED Optional
Options................................................Gray STN / Yellow STN
Normal/Extended Temperature
Bottom / Top Viewing
Built-in Controller............................................Toshiba T6963C
Features
Physical Data
Module Size................................85.0W x 100.0H x 14.0T mm
Viewing Area Size.....................................62.0W x 62.0H mm
Dot Pitch....................................................0.43W x 0.43H mm
Dot Size.....................................................0.39W x 0.39H mm
Weight..............................................................................100g
Dimension tolerance: +/-0.3mm
Dimensional Drawing
128 X 128 Dots Graphic
0.04
0.39
14.0 MAX
6.1
1.6
1
20
4-R1.75
0.5
19.0±0.5
5.0
32.0±0.5
2-
∅1.0
2.54X9=22.86
20-
∅1.0
84.4
55.01 (128 DOTS)
62.0 (VIEWING AREA)
75.0
85.0±0.5
5.0±0.5
6.5±0.5
10.0±0.5
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1
FG
Frame ground
2
VSS
0V
Ground
3
VDD
5V
Power supply for logic
4
VL
-
Operating voltage for LC
5
WR
L
Data write
6
RD
L
Data read
7
CE
L
Chip enable
8
CD
H/L
H=Command, L=Data
9
N/C
No connection
10
RESET
L
Reset
11
DB0
H/L
Data bus
12
DB1
H/L
13
DB2
H/L
14
DB3
H/L
15
DB4
H/L
16
DB5
H/L
17
DB6
H/L
18
DB7
H/L
19
FS
H/L
Font select
20
N/C
No connection
Power Supply
HDM128GS12Y
VDD
VL
VSS
L
C
M
+
+
VLCD
RH
RL
5V
15V
RH+RL = 10 ~ 20KΩ
VEE


Similar Part No. - HDM128GS12Y

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM128GS12-1 HANTRONIX-HDM128GS12-1 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic, Small Size
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12-4 HANTRONIX-HDM128GS12-4 Datasheet
35Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12-4 HANTRONIX-HDM128GS12-4_15 Datasheet
35Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12_-1 HANTRONIX-HDM128GS12_-1_15 Datasheet
26Kb / 1P
   bus
More results

Similar Description - HDM128GS12Y

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12-4 HANTRONIX-HDM128GS12-4_15 Datasheet
35Kb / 1P
   128 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
logo
Hantronix,Inc
HDM128GS12-1 HANTRONIX-HDM128GS12-1 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic, Small Size
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM64GS12L-Y11S HANTRONIX-HDM64GS12L-Y11S Datasheet
66Kb / 2P
   128 X 64 Dots Graphic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com