Electronic Components Datasheet Search |
|
EN2-B3H5S Datasheet(PDF) 9 Page - NEC |
|
EN2-B3H5S Datasheet(HTML) 9 Page - NEC |
9 / 12 page 9 Items Contact Form Contact Material Contact Resistance Contact Switching Voltage Contact Switching Current Contact Carrying Current Operate Time Release Time Nominal Operate Power Insulation Resistance Breakdown Voltage Shock Resistance Vibration Resistance Ambient Temperature Coil Temperature Rise Life Expectancy Mechanical Electrical Weight 5 A Type 10/15 A Type 1 form C Silver nickel alloy Silver oxide complex alloy 100 m Ω max. (measured at 0.5 A) initial 100 m Ω max. (measured at 2 A) initial 30 Vdc max. 5 Vdc min. 5 A max. (at 16 Vdc) 0.1 A min. 15/20 A max. (at 16 vdc) 1 A min. 20 A max. (at 12 Vdc) Approx. 5 ms max. (at I 2 Vdc, excluding bounce) initial Approx. 2 ms max. (at I 2 Vdc, excluding bounce) initial, without diode 0.36 W/0.45 W (Nominal Voltage) 100 M Ω min. (at 500 Vdc) initial 500 Vdc min. (for 1 minute) initial 98 m/s2 [Approx. 10 G] min. (misoperating) 10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating) –40˚C to +85˚C (–40˚F to +185˚F) 50˚C/ W (contact carrying current 0 A) 1 x 106 operations 1 x 105 operations (at 14 Vdc, Motor Load 20 A/3 A) (E-Contact) Approx. 13 gr SPECIFICATIONS at 25˚C (77˚F) |
Similar Part No. - EN2-B3H5S |
|
Similar Description - EN2-B3H5S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |