Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT1601 Datasheet(PDF) 3 Page - Aimtron Technology

Part No. AT1601
Description  USB High-Side Power Switches with Flag
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  http://www.aimtroncorporation.com/index.php
Logo AIMTRON - Aimtron Technology

AT1601 Datasheet(HTML) 3 Page - Aimtron Technology

  AT1601 Datasheet HTML 1Page - Aimtron Technology AT1601 Datasheet HTML 2Page - Aimtron Technology AT1601 Datasheet HTML 3Page - Aimtron Technology AT1601 Datasheet HTML 4Page - Aimtron Technology AT1601 Datasheet HTML 5Page - Aimtron Technology AT1601 Datasheet HTML 6Page - Aimtron Technology AT1601 Datasheet HTML 7Page - Aimtron Technology AT1601 Datasheet HTML 8Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AT1601
Preliminary Product Information
USB High-Side Power Switches with Flag
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Recommended Operating Ratings
Item
Symbol
Ratings
Units
Operating temperature
T
OPR
-20〜+85
IN input voltage
1.8〜5.5
V
EN input voltage
0〜5.5
V
Electrical Characteristics
(VIN=5.0V, Ta=+25
0C)
Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Switch Off, OUT=Open
VIN=5.0V
-1
8
µA
Input Supply Current
IIN1
Switch Off, OUT=Open
VIN=3.3V
-1
5
µA
Switch On, OUT=Open
VIN=5.0V
-120
160
µA
Input Supply Current
IIN2
Switch On, OUT=Open
VIN=3.3V
-100
120
µA
VOH Low to High Transition
-
-
0.5*VCC
V
EN Enable Threshold
VOL High to Low Transition
0.4*VCC
-
-
V
EN=2.5V
-
0.01
1
µA
EN Input Current
IEN
EN=1.0V
-
0.01
1
µA
UVLO Threshold
VUVLO IN rising
1.5
1.7
-
V
UVLO Hysteresis
UVLO IN Falling
-
0.1
-
V
IN=5V, IOUT=500mA
-
110
140
m
Switch Resistance
RON
IN=3.3V, IOUT=500mA
-130
180
m
Short Circuit Current
Limit
ILimit
Enable into Load,
RLOAD=1Ω
1.0
1.4
2.0
A
Short Circuit FoldBack
Current
ISC
RLOAD=0Ω, measure prior to
thermal shutdown
-1.0
-
A
Ileakage
AT1601A
EN=0, RLOAD=0Ω
-1
10
µA
OUT Leakage Current
Ileakage
AT1601B
EN=IN, RLOAD=0Ω
-1
10
µA
OUT Turn-On Delay
tOn-D RLOAD=10Ω
-200
-
µs


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IMP2524 Quad USB High-Side Power Switch with Fault Detection 1  2  3  4  IMP, Inc
AIC1525 USB High-Side Power Switch 1  2  3  4  5  More Analog Intergrations Corporation
AIC1526 Dual USB High-Side Power Switch 1  2  3  4  5  More Analog Intergrations Corporation
G525A USB High-Side Power Switch Advance Information 1  2  3  4  5  More Global Mixed-mode Technology Inc
ISL54416 Low Voltage Dual SPDT USB/CVBS/ Audio Switches with Negative Signal Capability 1  2  3  4  5  More Intersil Corporation
SI-5151S High-side Power Switch with Diagnostic Function 1  2  Sanken electric
AIC1527 Quad USB High-Side Power Switch 1  2  3  4  5  More Analog Intergrations Corporation
G528 USB High-Side Power Switch Advance Information 1  2  3  4  5  More Global Mixed-mode Technology Inc
SI-5152S High-side Power Switch with Diagnostic Function 1  2  Sanken electric
SI-5153S High-side Power Switch with Diagnostic Function and Built-in Zener Diode 1  2  Sanken electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn