Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT1512 Datasheet(PDF) 6 Page - Aimtron Technology

Part No. AT1512
Description  FET BIAS CONTROLLER AND TONE DETECTION
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIMTRON [Aimtron Technology]
Homepage  http://www.aimtroncorporation.com/index.php
Logo 

AT1512 Datasheet(HTML) 6 Page - Aimtron Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AT1512
Preliminary product Information
FET BIAS CONTROLLER AND TONE DETECTION
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:http://www.aimtron.com.tw
2005/10/19 REV:1.0
Email: service@aimtron.com.tw
6
-3.5
-2.75
-2.5
V
VLOV=0, IL=-10µA,Disabled
HB Output Low
VHBL
-0.01
0
0.01
V
VLOV=3V, IL=0, Disabled
-0.025
0
0.025
V
VLOV=0, IL=10mA, Enabled
HB Output High
VHBH
2.9
3.0
3.1
V
VLOV=3V, IL=50mA,Enabled
POLARITY SWITCH
Input Current
IPOL
10
20
40
µA
VPOL=25V(Applied via
RPOL=10kΩ)
Threshold Voltage
VTPOL
14
14.75
15.5
V
VPOL=25V(Applied via
RPOL=10kΩ)
Switching Speed
TSPOL
--
--
100
ms
VPOL=25V(Applied via
RPOL=10kΩ)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn