Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT1511 Datasheet(PDF) 3 Page - Aimtron Technology

Part No. AT1511
Description  FET BIAS CONTROLLER AND TONE DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIMTRON [Aimtron Technology]
Homepage  http://www.aimtroncorporation.com/index.php
Logo 

AT1511 Datasheet(HTML) 3 Page - Aimtron Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AT1511
Preliminary product Information
FET BIAS CONTROLLER AND TONE DETECTION
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
(c)Tone Detection
Pin Descriptions
Pin No.
Pin name
Function
1
G1
1st Gate output voltage Pin
2
D1
1st Drain output voltage Pin
3
G2
2nd Gate output voltage Pin
4
D2
2nd Drain output voltage Pin
5
G3
3rd Gate output voltage Pin
6
D3
3rd Drain output voltage Pin
7
GND
Ground Pin
8
CP
Positive OSC output Pin
9
CN
Negative OSC output Pin
10
N.C.
No connect Pin
11
VOUT
Negative voltage output Pin
12
LB
Error Amplifier output Pin
13
HB
Error Amplifier inverted output Pin
14
LOV
Error Amplifier input Pin
15
FOUT
Filter input Pin
16
N.C.
No connect Pin
17
FIN
Filter output Pin
18
VPOL
Polarisation switch controller Pin
19
ICTL
Drain Current set Resistor connect Pin
20
VCC
Supply voltage Pin


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn