Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT1511 Datasheet(PDF) 6 Page - Aimtron Technology

Part No. AT1511
Description  FET BIAS CONTROLLER AND TONE DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIMTRON [Aimtron Technology]
Homepage  http://www.aimtroncorporation.com/index.php
Logo 

AT1511 Datasheet(HTML) 6 Page - Aimtron Technology

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AT1511
Preliminary product Information
FET BIAS CONTROLLER AND TONE DETECTION
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
6
-0.025
0
0.025
V
V
LOV=0, IL=10mA, Disabled
LB Output High
V
LBH
2.9
3.0
3.1
V
V
LOV=3V,IL=50mA,Disabled
-3.5
-2.75
-2.5
V
V
LOV=0, IL=-10µA,Disabled
HB Output Low
V
HBL
-0.01
0
0.01
V
V
LOV=3V, IL=0, Disabled
-0.025
0
0.025
V
V
LOV=0, IL=10mA, Enabled
HB Output High
V
HBH
2.9
3.0
3.1
V
V
LOV=3V, IL=50mA,Enabled
POLARITY SWITCH
Input Current
I
POL
10
20
40
µA
V
POL=25V(Applied via
R
POL=10kΩ)
Threshold Voltage
V
TPOL
14
14.75
15.5
V
V
POL=25V(Applied via
R
POL=10kΩ)
Switching Speed
T
SPOL
--
--
100
ms
V
POL=25V(Applied via
R
POL=10kΩ)
Test Circuit
(a) L
OV Connected to ground
(b) L
OV Connected to VOSC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn