Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT1511 Datasheet(PDF) 5 Page - Aimtron Technology

Part No. AT1511
Description  FET BIAS CONTROLLER AND TONE DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIMTRON [Aimtron Technology]
Homepage  http://www.aimtroncorporation.com/index.php
Logo 

AT1511 Datasheet(HTML) 5 Page - Aimtron Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AT1511
Preliminary product Information
FET BIAS CONTROLLER AND TONE DETECTION
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
Electrical characteristics
(Unless otherwise stated, Ta=25°C, V
CC=5V, ID=10mA, RCTL=33kΩ)
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
V
CC
5--
10
V
--
6
10
mA I
D1 to ID3=0
--
25
35
mA
I
D1=0,ID2 to ID3=10mA,
V
POL=14V
--
25
35
mA
I
D2=0,ID1 to ID3=10mA,
V
POL=15.5V
--
16
25
I
D1 to ID3=0, ILB=10mA
Supply Current
I
CC
--
16
25
mA I
D1 to ID3=0, IHB=10mA
-3.5
-3.0
-2.5
V
I
OUT= 0
Negative Voltage
V
OUT
--
--
-2.4
V
I
OUT= -200µA
Drain Output Noise Voltage
E
ND
--
--
0.02
V
PP
C
G=4.7nF, CD=10nF
Gate Output Noise Voltage
E
NG
--
--
0.005
V
PP
C
G=4.7nF, CD=10nF
Oscillator Freq.
fo
200
350
800
kHz
DRAIN
Drain Current
I
D
810
12
mA
Drain Current Charge with V
CC
∆I
DV
--
0.5
--
%/V V
CC=5 to 10V
Drain Current Charge with T
j
∆I
DT
--
0.05
--
%/℃ T
j=-40 to +70°C
V
D1
1.8
2.0
2.2
V
I
D1=10mA, VPOL=15.5V
V
D2
1.8
2.0
2.2
V
I
D2=10mA, VPOL=14V
Drain Voltage
V
D3
1.8
2.0
2.2
V
I
D3=10mA
Drain
Voltage Charge with V
CC
∆V
DV
--
0.5
--
%/V V
CC=5 to 12V
Drain Voltage Charge with T
j
∆V
DT
--
50
--
ppm T
j=-40 to +70°C
I
L1
--
--
10
µA V
D1=0.5V, VPOL=14V
Leakage Current
I
L2
--
--
10
µA V
D2=0.5V, VPOL=15.5V
GATE
Gate Output Current Range
I
GO
-30
--
2000
µA
V
G10
-0.05
0
0.05
V
I
D1=0, VPOL=14V, IGO1=0
V
G1L
-3.5
-2.9
-2.0
V
I
D1=12mA, VPOL=15.5V,
I
GO1=-10µA
Gate1 Output Voltage
V
G1H
0.40.751.0
V
I
D1=8mA, VPOL=15.5V,
I
GO1=0
V
G20
-0.05
0
0.05
V
I
D2=0, VPOL=15.5V, IGO2=0
V
G2L
-3.5
-2.9
-2.0
V
I
D2=12mA, VPOL=14V, IGO2=-
10
µA
Gate2 Output Voltage
V
G2H
0.40.751.0
V
I
D2=8mA, VPOL=14V, IGO2=0
V
G3L
-3.5
-2.9
-2.0
V
I
D3=12mA, IGO3=-10µA
Gate3 Output Voltage
V
G3H
0.40.751.0
V
I
D3=8mA, IGO3=0
TONE DETECTION
Input Bias Current
I
B
0.02
0.07
0.25
µAR
F1=150kΩ
Output Voltage
V
OUT
1.75
1.95
2.05
V
R
F1=150kΩ
Output Current
I
OUT
400
520
650
µA V
OUT=1.96V, VFIN=2.1V
Voltage Gain
G
V
--
46
--
dB
f=22kHz,V
IN=1mV
Rejection Frequency
f
R
1.0
7.5
--
kHz V
(AC)in=1V p/p sq.w
LOV Volt. Range
V
LOV
-0.5
--
V
CC-1.8
VI
L=50mA(LB or HB)
LOV Bias Current
I
LOV
0.02
0.15
1.0
µA V
LOV=0
-3.5
-2.75
-2.5
V
V
LOV=0, IL=-10µA, Enabled
LB Output Low
V
LBL
-0.01
0
0.01
V
V
LOV=3V, IL=0, Enabled


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn