Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGE0E1632H24H24FWB05 Datasheet(PDF) 5 Page - ITT Industries

Part # CGE0E1632H24H24FWB05
Description  High Power Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE0E1632H24H24FWB05 Datasheet(HTML) 5 Page - ITT Industries

  CGE0E1632H24H24FWB05 Datasheet HTML 1Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 2Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 3Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 4Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 5Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 6Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 7Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 8Page - ITT Industries CGE0E1632H24H24FWB05 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CGE
5
Cable Data
Approx. values for cable self-heating
Wire size
Max admissible
Approx over-temperature due to current load:
∆ T in °C
mm2
operating voltage
1/3 of max admissible
2/2 of max admissible
max admissible
operating voltage
operating voltage
operating voltage
25
250
35
52
95
50
300
15
25
55
95
500
10
33
70
150
600
5
23
60
240
1000
8
30
75
Cable designation
Shell
Wire size
Straight plug
Plug 90
°
size
mm2
a
b max
c max
d+/–10,5
e1 +/–1,0
f1 +/–1,0
e2 +/–1,0
f2 +/–1,0
MTV6145-005+001
16
25
7,5+/–0,5
13,5
10,2
14,0
31,0
46,0
-
-
MTV6145-005+001
18
50
11,0+/–0,5
18,0
14,3
15,0
31,0
46,0
-
-
MTV6145-005+001
22
95
16,0+/–0,5
23,5
19,7
20,5
42,0
57,0
20,0
35,0
MTV6145-005+001
28
150
20,5+/–0,5
30,0
25,4
30,0
-
-
25,0
40,0
MTV6145-005+001
32
240
26,5+/–0,5
36,0
32,5
30,0
54,0
69,0
25,0
40,0
Panel Cut-Outs
Panel cut-outs for rear and front panel
mounting of receptacles
Shell size
Receptacles, rear panel mounting
Receptacles, front panel mounting
CGE0E-B-03/14
CGE2E-B-16
CGE2E-B-04
H13
H12
H13
H12
c +0,15
d +0,15
d ± 0,15
c
thread
d
c ± 0,15
16
4,5
27,7
24,6
4,5
M4
22,5
24,6
18
4,5
31,1
27,0
4,5
M4
27,4
27,0
22
4,5
37,8
31,8
4,5
M4
33,7
31,8
28
5,5
47,1
39,7
4,5
M4
43,5
39,7
32
5,5
53,8
44,5
4,5
M4
49,7
44,5
Outer jacket
Shielding braid, tinned
Inner jacked
Copper conductor
Cable Dimensions


Similar Part No. - CGE0E1632H24H24FWB05

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CGE0.6101.151 SCHURTER-CGE0.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
More results

Similar Description - CGE0E1632H24H24FWB05

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1433 APITECH-1433 Datasheet
175Kb / 1P
   High Power, N Connectors
1434 APITECH-1434 Datasheet
480Kb / 1P
   High Power, N Connectors
1456 APITECH-1456 Datasheet
518Kb / 1P
   High Power, N Connectors
logo
FCI connector
10009536-001 FCI-CONNECTOR-10009536-001 Datasheet
75Kb / 2P
   METRAL짰 HIGH-POWER CONNECTORS
logo
Hirose Electric
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
   High Current, High Density, Power Connectors
logo
API Technologies Corp
1470 APITECH-1470 Datasheet
511Kb / 1P
   High Power, N or SMK Connectors
1471 APITECH-1471 Datasheet
513Kb / 1P
   High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
   High Power, N or SMK Connectors
1432 APITECH-1432 Datasheet
466Kb / 1P
   High Power, N or SMK Connectors
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
   High Power/Signal Connectors for Industrial Machinery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com