Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG135 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFG135
Description  NPN 7GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG135 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFG135 Datasheet HTML 4Page - NXP Semiconductors BFG135 Datasheet HTML 5Page - NXP Semiconductors BFG135 Datasheet HTML 6Page - NXP Semiconductors BFG135 Datasheet HTML 7Page - NXP Semiconductors BFG135 Datasheet HTML 8Page - NXP Semiconductors BFG135 Datasheet HTML 9Page - NXP Semiconductors BFG135 Datasheet HTML 10Page - NXP Semiconductors BFG135 Datasheet HTML 11Page - NXP Semiconductors BFG135 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1995 Sep 13
9
NXP Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
Fig.16 Input impedance as a function of output
power.
VCE =10V; f= 900MHz.
handbook, halfpage
0
1.5
0
2
6
MEA949
0.5
P
OUT
(W)
4
8
1
10
Z
(
Ω)
i
r i
x i
Fig.17 Input impedance as a function of output
power.
VCE = 12.5 V; f = 900 MHz.
handbook, halfpage
0
1.5
0
2
6
MEA950
0.5
P
OUT
(W)
4
8
1
10
Z
(
Ω)
i
r i
x i
Fig.18 Efficiency as a function of output power.
f= 900 MHz.
handbook, halfpage
0
0.5
1.5
40
50
70
MEA947
1
η
(%)
P
OUT
(W)
V
=
CE
12.5 V
60
80
10 V
7.5 V
Fig.19 Output power as a function of input power.
f= 900 MHz.
handbook, halfpage
0
100
300
1.5
0
0.5
1
MEA945
200
P OUT
(W)
PIN (mW)
V
=
CE
12.5 V
10 V
7.5 V


Similar Part No. - BFG135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG135 NXP-BFG135 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG135 PHILIPS-BFG135 Datasheet
340Kb / 16P
   NPN 7GHz wideband transistor
1995 Sep 13
logo
Siemens Semiconductor G...
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
logo
Infineon Technologies A...
BFG135A INFINEON-BFG135A Datasheet
100Kb / 6P
   NPN Silicon RF Transistor
Oct-26-1999
logo
Quanzhou Jinmei Electro...
BFG135 JMNIC-BFG135_15 Datasheet
91Kb / 12P
   NPN 7GHz wideband transistor
More results

Similar Description - BFG135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
340Kb / 16P
   NPN 7GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG135 JMNIC-BFG135_15 Datasheet
91Kb / 12P
   NPN 7GHz wideband transistor
BFG135_2015 JMNIC-BFG135_2015 Datasheet
91Kb / 12P
   NPN 7GHz wideband transistor
logo
NXP Semiconductors
BFQ540 NXP-BFQ540_07 Datasheet
67Kb / 8P
   NPN wideband transistor
2000 May 23
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W Datasheet
160Kb / 16P
   NPN wideband transistor
1998 Oct 21
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
Quanzhou Jinmei Electro...
BFG480W JMNIC-BFG480W_15 Datasheet
143Kb / 16P
   NPN wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com