Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CP1032 Datasheet(PDF) 6 Page - Ceramate Technical

Part No. CP1032
Description  Chopper Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CERAMATE [Ceramate Technical]
Homepage  http://www.ceramate.com.tw
Logo 

CP1032 Datasheet(HTML) 6 Page - Ceramate Technical

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CP1032
Chopper Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
6 of 12
Rev 1.1 Aug.31, 2004
Fig.4
Overcurrent Protection
Characteristics (Typical Value)
Fig.5
Efficiency vs. Input Voltage
Fig.6
Switching Current vs. Output
Saturation Voltage
Fig.7
Operating Dissipation Current vs.
Input Voltage
Fig.8
Reference Voltage Fluctuation vs.
Junction Temperature
Fig.3
Power Dissipation vs. Ambient
Temperature
PD : With infinite heat sink
0
5
10
15
20
25
40
30
35
−20
0
2550
75
85
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
0
1
2
3
4
5
6
0123
5
44.5
0.5
1.5
2.5
3.5
Ta=25°C
VIN=12V
VO=5V
Shutdown operating
Input voltage VIN (V)
50
60
70
80
90
100
0
102030
40
5
152535
VO=12V, IO=1A
VO=5V, IO=3A
Tj=25°C
VO=5V, IO=1A
VO=12V, IO=3A
0
0.5
1
1.5
2
2.5
3
3.5
4
00.511.5
0.25
0.75
1.25
1.75
2
Output saturation voltage VSAT (V)
Tj=25°C
Input voltage VIN (V)
0
5
10
15
0
102030
5
1525
35
40
Tj=25°C
VO=5V
No load
IO=1A
IO=3A
−1.5
−1
0
−0.5
0.5
1
1.5
−25
0
50
100
125
25
75
Junction temperature Tj (°C)
VIN=12V
VO=5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn