Electronic Components Datasheet Search |
|
CGE1E1618H5H24FWB05 Datasheet(PDF) 4 Page - ITT Industries |
|
CGE1E1618H5H24FWB05 Datasheet(HTML) 4 Page - ITT Industries |
4 / 11 page CGE 4 Dimensions are mm (inches) Subject to changes Technical Data Admissible ambient temperature –55/125 °C Class JP07 acc to DIN 40050 Test pressure 1 bar overpressure Test duration 12 h Vibration 200 m/s2 for 10 – 2000 Hz Mechanical durability 500 mating cycles Coupling torque in wired condition acc to VG95319, Part 2, Test No 5.8.2. Shell size max closing / max opening opening Nm Nm 16 5,5 0,5 18 8,0 0,6 22 11,0 0,8 28 17,0 0,9 32 19,0 1,0 Contact retention acc to VG 95319, Part 2, Test No 5.4. Contact size Test force N min H2 100 H5 120 H9 140 H15 160 H24 200 Materials Shell Aluminum alloy – Finish Olive chromate over cadmium Insulator PTFE Contact Copper or copper alloy – Finish Hard silver O ring FKM Cables The connectors are designed for ultraflexible welding cable acc to MTV 6145-005. Shell size Wire size MTV 6145-005 designation shielded unshielded 16 25 MTV 6145-005 H001 MTV 6145-005 G001 18 50 MTV 6145-005 H002 MTV 6145-005 G002 22 95 MTV 6145-005 H003 MTV 6145-005 G003 28 150 MTV 6145-005 H004 MTV 6145-005 G004 32 240 MTV 6145-005 H005 MTV 6145-005 G005 When selecting a cable type please consider self-heating of cable at the maximum operating voltage and the maximum ambient temperature (see page 5). Electrical Data Current rating (A) at 125 °C ambient temperature Shell size 16 18 22 28 32 Contact size H2 H5 H9 H15 H24 Max Current rating (A) 225 350 570 750 950 Max Short-time load, appr 0,5 – 1 sec (A) 750 1000 2000 3000 5000 Air and creepage paths Air path 3 mm min Creepage path 5 mm min Insulator resistance min 5000 MOhm Contact resistance (mOhm max) Contact size H2 H5 H9 H15 H24 Contact resistance 0,6 0,3 0,15 0,1 0,07 |
Similar Part No. - CGE1E1618H5H24FWB05 |
|
Similar Description - CGE1E1618H5H24FWB05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |