Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGE6E1816H2H24FWB05 Datasheet(PDF) 3 Page - ITT Industries

Part # CGE6E1816H2H24FWB05
Description  High Power Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE6E1816H2H24FWB05 Datasheet(HTML) 3 Page - ITT Industries

  CGE6E1816H2H24FWB05 Datasheet HTML 1Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 2Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 3Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 4Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 5Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 6Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 7Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 8Page - ITT Industries CGE6E1816H2H24FWB05 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CGE
3
CGE 6 E 32 H 24 F W B *
Series
Cannon Designation
Shell style
0 - wall mounting receptacle with flange
1 - cable connecting plug
2 - box mounting receptacle with flange
6 - straight plug
8 - plug 90
°
9 - bulkhead
Class
E - environmental, JP07 acc to DIN 40050
Shell size
16 - 18 - 22 - 28 - 32
Contact arrangement
16H2 - shell size 16, 1 contact H2
18H5 - shell size 18, 1 contact H5
22H9 - shell size 22, 1 contact H9
28H15 - shell size 28, 1 contact H15
32H24 - shell size 32, 1 contact H24
Contact size
H2 - 25 mm2
H5 - 50 mm2
H15 - 150 mm2
H24 - 240 mm2
Contact type
F - spring contact
Z - cylindrical contact
Keyway polarization
W - 120
°
Bayonet coupling
Modification
05 - through-holes in flange
03 - adapter for heat shrink boots, metric crimp contact
04 - rear panel mounting, threaded holes, metric crimp contact
04-05 - same as -04, however, with through-holes
14 - shielded version, metric crimp contact
16 - thread bolt termination, front panel mounting, O ring for sealing
between wall and receptacle (for CGE2EB only)
How to order
Mateability
Receptacles and cable connecting plugs mate with
Plugs, straight / 90
°
CGE2E-B04, CGE-B-04-05
CGE6E-B-03
CGE2E-B-16
CGE6E-B-14
CGE0E-B-03, CGE-B-05-05
CGE8E-B-03
CGE1E-B-03
CGE8E-B-14
Polarization
To avoid mismating of identic connectors
the keyways of CGE connectors are avail-
able in two different positions:
Standard position
= 180
°
Position W
= 120
°
Keyway positions of receptacles
and cable connecting plugs
Keyway positions of straight and 90
°plugs


Similar Part No. - CGE6E1816H2H24FWB05

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CGE0.6101.151 SCHURTER-CGE0.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
List of Unclassifed Man...
CGE887BO ETC1-CGE887BO Datasheet
187Kb / 1P
   870MHZ.GaAs Optical Receiver Module
logo
SAB North America
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - CGE6E1816H2H24FWB05

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1433 APITECH-1433 Datasheet
175Kb / 1P
   High Power, N Connectors
1434 APITECH-1434 Datasheet
480Kb / 1P
   High Power, N Connectors
1456 APITECH-1456 Datasheet
518Kb / 1P
   High Power, N Connectors
logo
FCI connector
10009536-001 FCI-CONNECTOR-10009536-001 Datasheet
75Kb / 2P
   METRAL짰 HIGH-POWER CONNECTORS
logo
Hirose Electric
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
   High Current, High Density, Power Connectors
logo
API Technologies Corp
1470 APITECH-1470 Datasheet
511Kb / 1P
   High Power, N or SMK Connectors
1471 APITECH-1471 Datasheet
513Kb / 1P
   High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
   High Power, N or SMK Connectors
1432 APITECH-1432 Datasheet
466Kb / 1P
   High Power, N or SMK Connectors
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
   High Power/Signal Connectors for Industrial Machinery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com